Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4612HSTRT Datasheet(PDF) 20 Page - Semtech Corporation

Part # SC4612HSTRT
Description  40V Synchronous Buck Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4612HSTRT Datasheet(HTML) 20 Page - Semtech Corporation

Back Button SC4612HSTRT Datasheet HTML 13Page - Semtech Corporation SC4612HSTRT Datasheet HTML 14Page - Semtech Corporation SC4612HSTRT Datasheet HTML 15Page - Semtech Corporation SC4612HSTRT Datasheet HTML 16Page - Semtech Corporation SC4612HSTRT Datasheet HTML 17Page - Semtech Corporation SC4612HSTRT Datasheet HTML 18Page - Semtech Corporation SC4612HSTRT Datasheet HTML 19Page - Semtech Corporation SC4612HSTRT Datasheet HTML 20Page - Semtech Corporation SC4612HSTRT Datasheet HTML 21Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20
© 2008 Semtech Corp.
www.semtech.com
SC4612H
POWER MANAGEMENT
Outline Drawing - MLPD - 12
bxN
e
MILLIMETERS
0.50 BSC
.002
.001
0.00
.000
A1
.114
.154
.061
.124
.012
.007
E1
aaa
bbb
N
e
L
A2
D1
D
E
b
.020 BSC
.067
.016
.003
.004
12
.118
(.008)
.130
.157
.010
-
1.55
.071
.020 0.30
.161
.122
.134
-
.012
3.90
2.90
3.15
-
0.18
.031
MIN
DIM
A
MAX
DIMENSIONS
INCHES
.035
NOM
.040 0.80
MIN
0.02 0.05
3.10
4.10
1.80
3.40
0.50
0.30
1.70
0.40
0.10
0.08
12
3.00
(0.20)
3.30
4.00
0.25
-
1.00
MAX
0.90
NOM
A
B
PIN1
INDICATOR
(LASER MARK)
A1
A
aaa C
A2
C
SEATING
PLANE
1 2
N
bbb
C A B
COPLANARITY APPLIES TO THE EXPOSED PAD AS WELL AS THE TERMINALS.
CONTROLLING DIMENSIONS ARE IN MILLIMETERS (ANGLES IN DEGREES).
NOTES:
2.
1.
D
E
D1/2
D1
E1/2
E1
LxN
Land Pattern - MLPD - 12
THIS LAND PATTERN IS FOR REFERENCE PURPOSES ONLY.
CONSULT YOUR MANUFACTURING GROUP TO ENSURE YOUR
NOTES:
1.
DIM
X
Y
H
K
P
C
G
MILLIMETERS
INCHES
(2.90)
.012
.028
.087
.020
.138
.067
(.114)
0.30
0.70
1.70
0.50
3.50
2.20
DIMENSIONS
COMPANY'S MANUFACTURING GUIDELINES ARE MET.
3.60
.142
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com