Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4624AEVB-MLPQ Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC4624AEVB-MLPQ
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624AEVB-MLPQ Datasheet(HTML) 1 Page - Semtech Corporation

  SC4624AEVB-MLPQ Datasheet HTML 1Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 2Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 3Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 4Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 5Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 6Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 7Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 8Page - Semtech Corporation SC4624AEVB-MLPQ Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
POWER MANAGEMENT
SC4624A
Low Input Voltage, High Efficiency, 4A Integrated
FET Synchronous Step down DC/DC Regulator
The SC4624A is a highly integrated synchronous step-
down DC/DC regulator designed for low input voltage
range of 2.3V to 5.5 Volts. It can deliver 4A continuous
output current with the output voltage as low as 0.5 Volts.
The internal low R
DS(ON) synchronous power switches
eliminate the need for external Schottky diode while
delivering overall converter efficiency up to 95%.
A power good pin is available to monitor the output voltage
status. Operating frequency is adjustable from 200 kHz
to 2MHz with a single resistor and it can be synchronized
to an external clock.
The SC4624A offers adjustable current limit, soft start and
over temperature protection to safeguard the device under
extreme operating conditions. The soft start provides a
controlled output voltage ramp up at startup. When a
logic low is applied to the Enable pin, the SC4624A enters
the shutdown mode and it consumes less than 1µA of
current.
The SC4624A is available in 4x4 MLPQ-20 and it is rated
over -40°C to +85°C ambient temperature range.
Low Voltage Distributed DC-DC Converters
Telecommunication Power Supplies
Portable Equipment
xDSL
VIN Range: 2.3 – 5.5V
4A Continuous Output Current
Adjustable Output Voltage 0.5V to Vin
Low R
DS(ON) integrated FETs: 75mΩ and 47mΩ
Up to 95% Efficiency
Synchronizable and Programmable Frequency:
200kHz – 2MHz
Power Good Monitor
<1µA of Shutdown Current
Programmable Soft Start
Programmable Current Limit
Over Temperature protection
-40 to +85 °C Ambient Temperature Range
4X4mm MLPQ-20 packages- WEEE and RoHS
compliant
www.semtech.com
1
Revision: July 10, 2008
Description
Features
Features
Typical Application Circuit
Applications
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
Vout
Vin
C9
C9
R6
R6
R7
R7
C2
C2
R2
R2
SC4624A
SC4624A
COMP
FB
PGOOD
SYNC/EN
VCC
SS
FS
PH
ISET
PVIN
C1
C1
C3
C3
R4
R4
C11
C11
R9
R9
L1
L1
R8
R8
C8
C8
C5
C5
C7
C7
R5
R5
R3
R3 R11
R11
C4
C4
R1
R1


Similar Part No. - SC4624AEVB-MLPQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624 Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-MLPQ SEMTECH-SC4624EVB-MLPQ Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4624EVB-SO SEMTECH-SC4624EVB-SO Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
More results

Similar Description - SC4624AEVB-MLPQ

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC4624 SEMTECH-SC4624 Datasheet
849Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620 Datasheet
1Mb / 19P
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4620 SEMTECH-SC4620_08 Datasheet
1Mb / 19P
Low Input Voltage, High Efficiency, 2.5A Integrated FET Synchronous Step down DC/DC Regulator
SC4624 SEMTECH-SC4624_08 Datasheet
846Kb / 20P
Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
logo
Linear Technology
LTC3852 LINER-LTC3852_15 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Global Mixed-mode Techn...
G5759 GMT-G5759 Datasheet
94Kb / 1P
400kHz 4A Synchronous Step-down DC/DC
logo
Linear Technology
LTC3852 LINER-LTC3852 Datasheet
424Kb / 32P
Low Input Voltage, Synchronous Step-Down DC/DC Controller
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Maxim Integrated Produc...
MAX16962 MAXIM-MAX16962 Datasheet
637Kb / 13P
4A, 2.2MHz, Synchronous Step-Down DC-DC Converter
Rev 3; 7/15
logo
AiT Semiconductor Inc.
A7240 AITSEMI-A7240 Datasheet
463Kb / 9P
DC-DC CONVERTER/ BUCK (STEP-DOWN) 4A, 16V HIGH EFFICIENCY SYNCHRONOUS
REV2.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com