Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC4624 Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC4624
Description  Low Input Voltage, High Efficiency, 4A Integrated FET Synchronous Step down DC/DC Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC4624 Datasheet(HTML) 2 Page - Semtech Corporation

  SC4624 Datasheet HTML 1Page - Semtech Corporation SC4624 Datasheet HTML 2Page - Semtech Corporation SC4624 Datasheet HTML 3Page - Semtech Corporation SC4624 Datasheet HTML 4Page - Semtech Corporation SC4624 Datasheet HTML 5Page - Semtech Corporation SC4624 Datasheet HTML 6Page - Semtech Corporation SC4624 Datasheet HTML 7Page - Semtech Corporation SC4624 Datasheet HTML 8Page - Semtech Corporation SC4624 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
 2008 Semtech Corp.
www.semtech.com
POWER MANAGEMENT
SC4624
Device
Top Mark
Package
SC4624MLTRT (1) (2)
SC
4624
MLPQ-20
SC4624SETRT (1) (2)
SC4624
SO-16 EDP
SC4624EVB-MLPQ
Evaluation Board
SC4624EVB-SO
Notes:
(1) Available in tape and reel only. A reel contains 3,000 devices for MLPQ-20
package and 2,500 devices for SO-16 package.
(2) Available in lead-free package only. Device is WEEE and RoHS compliant.
Ordering Information
Pin Configuration
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VCC
AGND
SYNC/EN
PGND1
15
PVIN1
FS
VCC
6
ISET
5
SS
FB
10
1
11
16
20
Top View
20Pin MLPQ
T
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
SYNC/EN
PGND1
PGND2
PH1
PH2
PVIN1
PVIN2
ISET
SS
FS
VCC
PGOOD
COMP
FB
VCC
AGND
Top View
16Pin SOIC-EDP
T
θ
JA= 31°C/W; θJC= 3.9°C/W.
θ
JA= 29°C/W; θJC= 2.5°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com