Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDW Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDW
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CFDW Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO7240CFDW Datasheet HTML 8Page - Texas Instruments ISO7240CFDW Datasheet HTML 9Page - Texas Instruments ISO7240CFDW Datasheet HTML 10Page - Texas Instruments ISO7240CFDW Datasheet HTML 11Page - Texas Instruments ISO7240CFDW Datasheet HTML 12Page - Texas Instruments ISO7240CFDW Datasheet HTML 13Page - Texas Instruments ISO7240CFDW Datasheet HTML 14Page - Texas Instruments ISO7240CFDW Datasheet HTML 15Page - Texas Instruments ISO7240CFDW Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
PARAMETER MEASUREMENT INFORMATION
IN
OUT
VO
CL
Input
Generator
50 W
VI
NOTE A
NOTEB
V
1/2
CC
t f
t r
10%
90%
50%
0V
50%
VI
tPLH
tPHL
VOH
VOL
VO
V
1/2
CC
V
1
CC
Input
Generator
50 W
OUT
EN
V
O
V
I
IN
0V
C
L
NOTE A
NOTE
B
Vcc
Input
Generator
OUT
R =1k
±1%
L
W
EN
V
O
V
I
IN
3V
C
L
NOTE A
NOTE
B
Vcc/2
Vcc
0 V
0 V
V
I
Vcc/2
50%
0.5 V
t
PHZ
t
PZH
V
O
VOH
Vcc
Vcc
0 V
tPLZ
t
V
O
V
I
Vcc/2
Vcc/2
0.5 V
VOL
50%
PZL
R =1k
±1%
L
W
50 W
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008........................................................................................................................................ www.ti.com
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 1. Switching Characteristic Test Circuit and Voltage Waveforms
A.
The input pulse is supplied by a generator having the following characteristics: PRR
≤ 50 kHz, 50% duty cycle, tr ≤ 3
ns, tf ≤ 3 ns, ZO = 50Ω.
B.
CL = 15 pF and includes instrumentation and fixture capacitance within ±20%.
Figure 2. Enable/Disable Propagation Delay Time Test Circuit and Waveform
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): ISO7240CF, ISO7240C ISO7240M ISO7241C ISO7241M ISO7242C ISO7242M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com