Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISO7240CFDWR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7240CFDWR
Description  HIGH SPEED QUAD DIGITAL ISOLATORS
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO7240CFDWR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7240CFDWR Datasheet HTML 1Page - Texas Instruments ISO7240CFDWR Datasheet HTML 2Page - Texas Instruments ISO7240CFDWR Datasheet HTML 3Page - Texas Instruments ISO7240CFDWR Datasheet HTML 4Page - Texas Instruments ISO7240CFDWR Datasheet HTML 5Page - Texas Instruments ISO7240CFDWR Datasheet HTML 6Page - Texas Instruments ISO7240CFDWR Datasheet HTML 7Page - Texas Instruments ISO7240CFDWR Datasheet HTML 8Page - Texas Instruments ISO7240CFDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
1
2
3
4
5
6
7
8
ISO7240
9
10
11
12
13
14
15
16
NC
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
EN
VCC2
IND
OUTD
1
2
3
4
5
6
7
8
ISO7241
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
INC
OUTA
OUTC
OUTB
VCC2
IND
OUTD
EN2
EN1
1
2
3
4
5
6
7
8
ISO7242
9
10
11
12
13
14
15
16
INA
GND1
VCC1
GND1
GND2
GND2
INB
OUTA
OUTB
VCC2
IND
OUTD
EN2
EN1
OUTC
INC
DISABLE
INA
GND1
VCC1
GND1
INB
INC
IND
GND2
GND2
OUTA
OUTC
OUTB
CTRL
VCC2
OUTD
ISO7240CF
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
ISO7240CF, ISO7240C
,, ISO7240M
ISO7241C, ISO7241M
ISO7242C, ISO7242M
www.ti.com........................................................................................................................................ SLLS868I – SEPTEMBER 2007 – REVISED DECEMBER 2008
HIGH SPEED QUAD DIGITAL ISOLATORS
• Selectable Failsafe Output (ISO7240CF)
• 4 kV ESD Protection
• 25 and 150-Mbps Signaling Rate Options
• Operate With 3.3-V or 5-V Supplies
–
Low Channel-to-Channel Output Skew;
• High Electromagnetic Immunity
(see application report SLLA181)
1 ns Max
• –40°C to 125°C Operating Range
–
Low Pulse-Width Distortion (PWD);
2 ns Max
–
Low Jitter Content; 1 ns Typ at 150 Mbps
• Industrial Fieldbus
• Typical 25-Year Life at Rated Working Voltage
• Computer Peripheral Interface
(see application note SLLA197 and Figure 17)
• Servo Control Interface
• 4000-V
peak Isolation, 560-Vpeak VIORM
• Data Acquisition
–
UL 1577 , IEC 60747-5-2 (VDE 0884, Rev 2),
IEC 61010-1, IEC 60950-1 and CSA
Approved
The ISO7240, ISO7241 and ISO7242 are quad-channel digital isolators with multiple channel configurations and
output enable functions. These devices have logic input and output buffers separated by TI’s silicon dioxide
(SiO2) isolation barrier. Used in conjunction with isolated power supplies, these devices block high voltage,
isolate grounds, and prevent noise currents from entering the local ground and interfering with or damaging
sensitive circuitry.
The ISO7240 has all four channels in the same direction while the ISO7241 has three channels the same
direction and one channel in opposition. The ISO7242 has two channels in each direction.
The C option devices have TTL input thresholds and a noise-filter at the input that prevents transient pulses from
being passed to the output of the device. The M option devices have CMOS Vcc/2 input thresholds and do not
have the input noise-filter or the additional propagation delay.
The ISO7240CF has an input disable function on pin 7, and a selectable high or low failsafe-output function with
the CTRL pin (pin 10). The failsafe-output is a logic high when a logic-high is placed on the CTRL pin or it is left
unconnected. If a logic-low signal is applied to the CTRL pin, the failsafe-output becomes a logic-low output
state. The ISO7240CF input disable function prevents data from being passed across the isolation barrier to the
output. When the inputs are disabled, the outputs are set by the CTRL pin.
These devices may be powered from either 3.3-V or 5-V supplies on either side in any 3.3-V / 3.3-V, 5-V / 5-V,
5-V / 3.3-V, or 3.3-V / 5-V combination. Note that the signal input pins are 5-V tolerant regardless of the voltage
supply level being used.
These devices are characterized for operation over the ambient temperature range of –40°C to 125°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7240CFDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CFDWR TI-ISO7240CFDWR Datasheet
567Kb / 16P
QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
ISO7240CFDWR TI-ISO7240CFDWR Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CFDWR TI1-ISO7240CFDWR Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CFDWR TI1-ISO7240CFDWR Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
ISO7240CFDWRG4 TI-ISO7240CFDWRG4 Datasheet
567Kb / 16P
QUAD DIGITAL ISOLATOR WITH SELECTABLE FAILSAFE OUTPUT
More results

Similar Description - ISO7240CFDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7240CF TI-ISO7240CF_10 Datasheet
801Kb / 27P
HIGH SPEED QUAD DIGITAL ISOLATORS
ISO7240CF-Q1 TI1-ISO7240CF-Q1 Datasheet
826Kb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
ISO7240CF TI1-ISO7240CF_12 Datasheet
1Mb / 31P
HIGH SPEED QUAD DIGITAL ISOLATORS
logo
Analog Devices
ADUM3440CRWZ AD-ADUM3440CRWZ Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
REV. D
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0931-500E AVAGO-HCPL-0931-500E Datasheet
357Kb / 14P
High Speed Digital Isolators
logo
Analog Devices
ADUM3440 AD-ADUM3440_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3441 AD-ADUM3441_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
ADUM3442 AD-ADUM3442_15 Datasheet
389Kb / 24P
Quad Channel, High Speed Digital Isolators
Rev. D
logo
Texas Instruments
ISO7240CF TI1-ISO7240CF_15 Datasheet
2Mb / 46P
High-Speed, Quad-Channel Digital Isolators
ISO7240CF-Q1 TI1-ISO7240CF-Q1_13 Datasheet
1Mb / 27P
HIGH-SPEED QUAD DIGITAL ISOLATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com