Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ600ATR Datasheet(PDF) 7 Page - STMicroelectronics

Part # VNQ600ATR
Description  QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ600ATR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VNQ600ATR Datasheet HTML 3Page - STMicroelectronics VNQ600ATR Datasheet HTML 4Page - STMicroelectronics VNQ600ATR Datasheet HTML 5Page - STMicroelectronics VNQ600ATR Datasheet HTML 6Page - STMicroelectronics VNQ600ATR Datasheet HTML 7Page - STMicroelectronics VNQ600ATR Datasheet HTML 8Page - STMicroelectronics VNQ600ATR Datasheet HTML 9Page - STMicroelectronics VNQ600ATR Datasheet HTML 10Page - STMicroelectronics VNQ600ATR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
VNQ600A(8960)
ELECTRICAL TRANSIENT REQUIREMENTS
Figure 1: Switching Characteristics (Resistive load RL=2.6Ω)
ISO T/R
7637/1
Test Pulse
Test Levels
I
Test Levels
II
Test Levels
III
Test Levels
IV
Test Levels
Delays and Impedance
1
-25V
-50V
-75V
-100V
2ms, 10
Ω
2
+25V
+50V
+75V
+100V
0.2ms, 10
Ω
3a
-25V
-50V
-100V
-150V
0.1
µs, 50Ω
3b
+25V
+50V
+75V
+100V
0.1
µs, 50Ω
4
-4V
-5V
-6V
-7V
100ms, 0.01
Ω
5
+26.5V
+46.5V
+66.5V
+86.5V
400ms, 2
Ω
ISO T/R
7637/1
Test Pulse
Test Levels Result
I
Test Levels Result
II
Test Levels Result
III
Test Levels Result
IV
1
CC
C
C
2
CC
C
C
3a
CC
C
C
3b
CC
C
C
4
CC
C
C
5
CE
E
E
Class
Contents
C
All functions of the device are performed as designed after exposure to disturbance.
E
One or more functions of the device is not performed as designed after exposure and cannot be
returned to proper operation without replacing the device.
1
VOUT
dVOUT/dt(on)
tr
80%
10%
tf
dVOUT/dt(off)
ISENSE
t
t
90%
td(off)
INPUT
t
90%
td(on)
tDSENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com