Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSP430F2012IPWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F2012IPWR
Description  MIXED SIGNAL MICROCONTROLLER
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MSP430F2012IPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button MSP430F2012IPWR Datasheet HTML 31Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 32Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 33Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 34Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 35Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 36Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 37Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 38Page - Texas Instruments MSP430F2012IPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 88 page
background image
MSP430x20x1, MSP430x20x2, MSP430x20x3
MIXED SIGNAL MICROCONTROLLER
SLAS491D -- AUGUST 2005 -- REVISED SEPTEMBER 2007
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted) (continued)
Timer_A
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
f
Timer A clock frequency
Internal: SMCLK, ACLK;
External: TACLK INCLK;
2.2 V
10
MHz
fTA
Timer_A clock frequency
External: TACLK, INCLK;
Duty Cycle = 50% ±10%
3V
16
MHz
tTA,cap
Timer_A, capture timing
TA0, TA1
2.2 V/3 V
20
ns
USI, Universal Serial Interface (MSP430x20x2, MSP430x20x3 only)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX UNIT
f
USI clock frequency
External: SCLK;
Duty Cycle 50% ±10%;
2.2 V
10
MHz
fUSI
USI clock frequency
Duty Cycle = 50% ±10%;
SPI Slave Mode
3V
16
MHz
VOL,I2C
Low-level output voltage on SDA
and SCL
USI module in I2C mode
I(OLmax) =1.5 mA
2.2 V/3 V
VSS
VSS+0.4
V
typical characteristics -- USI low-level output voltage on SDA and SCL (MSP430x20x2, MSP430x20x3 only)
Figure 14. USI Low-Level Output Voltage vs.
Output Current
VOL -- Low-Level Output Voltage -- V
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
VCC =2.2 V
TA =25°C
TA =85°C
Figure 15. USI Low-Level Output Voltage vs.
Output Current
VOL -- Low-Level Output Voltage -- V
0.0
1.0
2.0
3.0
4.0
5.0
0.0
0.2
0.4
0.6
0.8
1.0
VCC =3V
TA =25°C
TA =85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com