Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2620 Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC2620
Description  Dual 2A, 30V Step-down Regulator with Programmable Frequency up to 1.4MHz
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2620 Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC2620 Datasheet HTML 9Page - Semtech Corporation SC2620 Datasheet HTML 10Page - Semtech Corporation SC2620 Datasheet HTML 11Page - Semtech Corporation SC2620 Datasheet HTML 12Page - Semtech Corporation SC2620 Datasheet HTML 13Page - Semtech Corporation SC2620 Datasheet HTML 14Page - Semtech Corporation SC2620 Datasheet HTML 15Page - Semtech Corporation SC2620 Datasheet HTML 16Page - Semtech Corporation SC2620 Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
www.semtech.com
SC2620
POWER MANAGEMENT
 2008 Semtech Corp.
Applications Information
The switch base current
β
I
1
β
I
SW
SW
≈
+
=
, where I
SW and β
are the switch emitter current and current gain respectively,
is drawn from the bootstrap capacitor C
BST. Charge
β
T
I
ON
SW
is drawn from C
BST during the switch on time, resulting in a
voltage droop of
BST
ON
SW
βC
T
I
. If I
SW = 2A, TON = 1µs, β = 35 and
C
BST = 0.1µF, then the
BST
C
V
droop will be 0.57V. C
BST is
refreshed to
RECT
BST
D
D
A
V
V
V
+
−
every cycle, where
A
V is the
applied D
BST anode voltage. Switch base current discharges
the bootstrap capacitor to
BST
ON
SW
D
D
A
C
T
I
V
V
V
RECT
BST
β
−
+
−
at the
end of conduction. This voltage must be higher than the
minimum shown in Figure 6 to ensure full switch
enhancement. D
BST can be tied either to the input or to
the output of the DC/DC converter.
If D
BST is tied to the input, then the charge drawn from the
Figure 7. Methods of Bootstrapping the SC2620.
MAX V
BST = 2VIN
MAX V
BST = VIN + VOUT
MAX V
BST = 2VIN - VZ
MAX V
BST = VS
(a)
SC2620
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
(b)
(c)
SC2620
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
VS > 2.5V
DRECT
(d)
SC2620
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
(d)
SC2620
BOOST
GND
IN
SW
DBST
VOUT
VIN
VS > VIN + 2.5V
DRECT
SC2620
BOOST
GND
IN
SW
DBST
VOUT
CBST
VIN
DRECT
DZ
+ VZ -
MAX V
BST = VIN + VS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com