Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP0417AA5 Datasheet(PDF) 6 Page - FIDELIX

Part # CMP0417AA5
Description  256K x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP0417AA5 Datasheet(HTML) 6 Page - FIDELIX

Back Button CMP0417AA5 Datasheet HTML 2Page - FIDELIX CMP0417AA5 Datasheet HTML 3Page - FIDELIX CMP0417AA5 Datasheet HTML 4Page - FIDELIX CMP0417AA5 Datasheet HTML 5Page - FIDELIX CMP0417AA5 Datasheet HTML 6Page - FIDELIX CMP0417AA5 Datasheet HTML 7Page - FIDELIX CMP0417AA5 Datasheet HTML 8Page - FIDELIX CMP0417AA5 Datasheet HTML 9Page - FIDELIX CMP0417AA5 Datasheet HTML 10Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
CMP0417AAx-E
CMOS LPRAM
Revision 0.5
Aug. 2006
6
Power Up Sequence
1. Apply Power
2. Maintain stable power for a minimum of 200us with /CS=VIH
Standby Mode State machines
Standby Mode Characteristics
Initial State
Standby Mode
Active
Mode
Low Power
Modes 1
(8M/4M/2M bits)
Power On
/CS=VIlL
/ZZ=VIH
/CS=VIH
(or/and /UB=/LB=VIH)
/ZZ=VIH
/CS=VIH
/CS=VIH, /ZZ=VIL
/CS=VIL, /ZZ=VIH
/UB or/and /LB=VIL
DPD
(Data Invalid)
Wait 200us
/CS=VIH, /ZZ=VIL
/CS=VIH, /ZZ=VIL
/CS=VIH
/ZZ=VIL
/CS=VIlL
/ZZ=VIH
/CS=VIH, /ZZ=VIH
Low Power Modes
0
40 (ISB0a)
¼ valid
0
50 (ISB0b)
½ valid
200
10 (ISB0)
Invalid
Deep Power Down Mode
0
70 (ISB0c)
valid
0
70 (ISB1)
Valid
Standby
Mode
Memory Cell Data
Wait Time(us)
Standby Current(uA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com