Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNQ860SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VNQ860SP
Description  QUAD CHANNEL HIGH SIDE DRIVER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ860SP Datasheet(HTML) 4 Page - STMicroelectronics

  VNQ860SP Datasheet HTML 1Page - STMicroelectronics VNQ860SP Datasheet HTML 2Page - STMicroelectronics VNQ860SP Datasheet HTML 3Page - STMicroelectronics VNQ860SP Datasheet HTML 4Page - STMicroelectronics VNQ860SP Datasheet HTML 5Page - STMicroelectronics VNQ860SP Datasheet HTML 6Page - STMicroelectronics VNQ860SP Datasheet HTML 7Page - STMicroelectronics VNQ860SP Datasheet HTML 8Page - STMicroelectronics VNQ860SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4/10
VNQ860 / VNQ860SP
ELECTRICAL CHARACTERISTICS (continued)
LOGIC INPUT (Per channel)
STATUS PIN
TRUTH TABLE
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
VIL
Low level input voltage
1.25
V
IIL
Low level input current
VIN=1.25V
1
µA
VIH
High level input voltage
3.25
V
IIH
High level input current
VIN=3.25V
10
µA
VI(hyst)
Input hysteresis Voltage
0.5
V
IIN
Input current
VIN=VCC=36V
200
µA
VOL
I/O Output voltage
IIN=5mA (Fault condition)
1
V
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
VSTAT
Status low output voltage
ISTAT=5mA (Fault condition)
1
V
ILSTAT
Status leakage current
Normal operation; VSTAT=VCC=36V
10
µA
CSTAT
Status pin input capacitance
Normal operation; VSTAT=5V
100
pF
CONDITIONS
MCOUTn
I/On
OUTPUTn
STATUS
Normal operation
L
H
L
H
L
H
H
H
Current limitation
L
H
L
H
L
X
H
H
Overtemperature
L
H
L
Driven low
L
L
L
L
Undervoltage
L
H
L
H
L
L
X
X
Overvoltage
L
H
L
H
L
L
H
H
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com