Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMP1617BX2 Datasheet(PDF) 2 Page - FIDELIX

Part # CMP1617BX2
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMP1617BX2 Datasheet(HTML) 2 Page - FIDELIX

  CMP1617BX2 Datasheet HTML 1Page - FIDELIX CMP1617BX2 Datasheet HTML 2Page - FIDELIX CMP1617BX2 Datasheet HTML 3Page - FIDELIX CMP1617BX2 Datasheet HTML 4Page - FIDELIX CMP1617BX2 Datasheet HTML 5Page - FIDELIX CMP1617BX2 Datasheet HTML 6Page - FIDELIX CMP1617BX2 Datasheet HTML 7Page - FIDELIX CMP1617BX2 Datasheet HTML 8Page - FIDELIX CMP1617BX2 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CMP1617BAx-E
CMOS LPRAM
Revision 0.5
Jul. 2006
2
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PIN DESCRIPTION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
A19
A12
A13
WE
A18A8
A9A10
A11
/ZZ
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
48-FBGA : Top View(Ball Down)
Do Not Use
DNU
Data Inputs/Outputs
I/O1~I/O16
Core Power
VCC
Low Power Modes
/ZZ
No Connection
NC
Lower Byte(I/O 1~8)
/LB
Address Inputs
A0~A19
Upper Byte(I/O9~16)
/UB
Write Enable Input
/WE
Ground
VSS
Output Enable Input
/OE
I/O Power
VCCQ
Chip Select Input
/CS
Function
Name
Function
Name
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
I/O Circuit
Column select
Data
cont
Data
cont
Column Addresses
Data
cont
Control Logic
/CS
/OE
/WE
/UB
/LB
/ZZ
I/O9~I/O16
I/O1~I/O8
Row
select
FEATURES
• Process Technology : Full CMOS
• Organization : 1M x 16
• Power Supply Voltage : 2.7~3.3V
• Low Power & Page Modes
CMP1617BX1 : support the PASR/MRS DPD function
CMP1617BX2 : support the Direct DPD function
CMP1617BX4 : support the PASR/MRS DPD/PAGE function
CMP1617BX5 : support the Direct DPD/PAGE function
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
• Separated I/O power(VCCQ) & Core Power(VCC)
• Page read/write operation by 16 words
(CMP1617BA4, CMP1617BA5)
• DPD mode by using MRS only
(CMP1617BA1, CMP1617BA4)
• Direct DPD mode when /ZZ goes low
(CMP1617BA2, CMP1617BA5)
PRODUCT FAMILY
ISB1
(CMOS Standby
Current)
ICC2
ICC1
Max.
Typ.
25mA
Max.
Typ.
Max.
Typ.
Min.
100uA
3.0
Typ.
Max.
50uA
15mA
12mA
3mA
1.5mA
60ns
70ns
3.3
2.7
Extended
(-25~85’C)
CMP1617BAx-F60E
CMP1617BAx-F70E
Operating
Voltage (V)
f = fmax
f = 1MHz
Power Dissipation
Speed
Operating
Temperature
Product Family
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and T
A = 25C.
2. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com