Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS4A16LAH Datasheet(PDF) 17 Page - FIDELIX

Part # CMS4A16LAH
Description  128M(8Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS4A16LAH Datasheet(HTML) 17 Page - FIDELIX

Back Button CMS4A16LAH Datasheet HTML 13Page - FIDELIX CMS4A16LAH Datasheet HTML 14Page - FIDELIX CMS4A16LAH Datasheet HTML 15Page - FIDELIX CMS4A16LAH Datasheet HTML 16Page - FIDELIX CMS4A16LAH Datasheet HTML 17Page - FIDELIX CMS4A16LAH Datasheet HTML 18Page - FIDELIX CMS4A16LAH Datasheet HTML 19Page - FIDELIX CMS4A16LAH Datasheet HTML 20Page - FIDELIX CMS4A16LAH Datasheet HTML 21Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
Rev. 0.4, Nov. ‘06
CMS4A16LAx–75xx
17
AC Characteristics
ns
5.4
3
tHZ
Data High Impedance Time[25.]
10
tCLKS2
ns
15
tRRD
Active Banka to Active Bankb Command
ns
18
tRP
Precharge Command Period
ns
70
tRFC
Auto Refresh Period
ms
64
tREF
Refresh Period(4096 rows)
ns
18
tRCD
Active to Read/Write Delay
ns
70
tRC
Active to Active Command Period
ns
120000
45
tRAS
Active to Precharge Command
ns
1.0
tCMH
/CS, /RAS, /CAS, /WE, /DQM Hold Time to Clock
ns
2.0
tCMS
/CS, /RAS, /CAS, /WE, /DQM Setup Time to Clock
ns
1.0
tCDH
Data In Hold Time to Clock
ns
2.0
tCDS
Data In Setup Time to Clock
ns
2.5
tOH
Output Hold Time from Clock
ns
20
tAC(1)
CL=1
ns
7
tAC(2)
CL=2
ns
6
tAC(3)
CL=3
Clock Access Time[34, 35]
tCK
1
tBDL
Last data-in to burst STOP command[39.]
tCK
1
tDPL
Data-in to PRECHARGE command[42.]
ns
4
tDAL
Data-in to ACTIVE command[41.]
tCK
0
tDWD
WRITE command to input data delay[39.]
tCK
2
tDQZ
DQM to data high-impedance during READs[39.]
tCK
0
tDQM
DQM to data mask during WRITEs[39.]
tCK
0
tDQD
DQM to input data delay[39.]
tCK
1
tPED
CKE to clock enable or power-down exit setup mode[40.]
tCK
1
tCKED
CKE to clock disable or power-down entry mode[40.]
tCK
1
tCCD
READ/WRITE command to READ/WRITE command[39.]
ns
80
tXSR
Exit Self Refresh to Active Command[38.]
tCK
1tCK + 3ns
tWR
Write Recovery Time[37.]
ns
1.2
0.5
tT
Transition Time[36.]
ns
1.0
tCKH
CKE Hold Time to Clock
ns
2.0
tCKS
CKE Setup Time to Clock
ns
1.0
tCAH
Address Hold Time to Clock
ns
2.0
tCAS
Address Setup Time to Clock
ns
2.5
tCL
Clock Low Time
ns
2.5
tCH
Clock High Time
ns
7.5
tCLKS3
Clock Period[33.]
Max
Min
Parameter
Units
-75
Symbol
AC Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com