Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT73C213B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT73C213B
Description  Power Management and Analog Companions (PMAAC)
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT73C213B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT73C213B Datasheet HTML 17Page - ATMEL Corporation AT73C213B Datasheet HTML 18Page - ATMEL Corporation AT73C213B Datasheet HTML 19Page - ATMEL Corporation AT73C213B Datasheet HTML 20Page - ATMEL Corporation AT73C213B Datasheet HTML 21Page - ATMEL Corporation AT73C213B Datasheet HTML 22Page - ATMEL Corporation AT73C213B Datasheet HTML 23Page - ATMEL Corporation AT73C213B Datasheet HTML 24Page - ATMEL Corporation AT73C213B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
21
6407A–PMAAC–22-Apr-08
AT73C213B
8.11
DAC Right Line Out Gain Register
Register Name: DAC_RLOG
Reset State: 0x00
Access: Read/Write
• RLOG: Right channel line out digital gain selector
76543210
00
RLOG
RLOG<5:0>
Gain
Unit
RLOG<5:0>
Gain
Unit
000000
0.0
dB
010000
-24.0
dB
000001
-1.5
dB
010001
-25.5
dB
000010
-3.0
dB
010010
-27.0
dB
000011
-4.5
dB
010011
-28.5
dB
000100
-6.0
dB
010100
-30.0
dB
000101
-7.5
dB
010101
-31.5
dB
000110
-9.0
dB
010110
-33.0
dB
000111
-10.5
dB
010111
-34.5
dB
001000
-12.0
dB
011000
-36.0
dB
001001
-13.5
dB
011001
-37.5
dB
001010
-15.0
dB
011010
-39.0
dB
001011
-16.5
dB
011011
-40.5
dB
001100
-18.0
dB
011100
-42.0
dB
001101
-19.5
dB
011101
-43.5
dB
001110
-21.0
dB
011110
-45.0
dB
001111
-22.5
dB
011111
-46.5
dB
≥ 100000
mute
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com