Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COP8SA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8SA
Description  8-Bit CMOS ROM Based and One-Time Programmable (OTP) Microcontroller with 1k to 4k Memory, Power On Reset, and Very Small Packaging
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8SA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP8SA Datasheet HTML 1Page - National Semiconductor (TI) COP8SA Datasheet HTML 2Page - National Semiconductor (TI) COP8SA Datasheet HTML 3Page - National Semiconductor (TI) COP8SA Datasheet HTML 4Page - National Semiconductor (TI) COP8SA Datasheet HTML 5Page - National Semiconductor (TI) COP8SA Datasheet HTML 6Page - National Semiconductor (TI) COP8SA Datasheet HTML 7Page - National Semiconductor (TI) COP8SA Datasheet HTML 8Page - National Semiconductor (TI) COP8SA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
CPU Features
n
Versatile easy to use instruction set
n
1 µs instruction cycle time
n
Eight multi-source vectored interrupts servicing
— External interrupt
— Idle Timer T0
— One Timer (with 2 interrupts)
— MICROWIRE/PLUS Serial Interface
— Multi-Input Wake Up
— Software Trap
— Default VIS (default interrupt)
n
8-bit Stack Pointer SP (stack in RAM)
n
Two 8-bit Register Indirect Data Memory Pointers
n
True bit manipulation
n
Memory mapped I/O
n
BCD arithmetic instructions
Peripheral Features
n
Multi-Input Wakeup Logic
n
One 16-bit timer with two 16-bit registers supporting:
— Processor Independent PWM mode
— External Event counter mode
— Input Capture mode
n
Idle Timer
n
MICROWIRE/PLUS Serial Interface (SPI Compatible)
I/O Features
n
Software selectable I/O options
— TRI-STATE® Output
— Push-Pull Output
— Weak Pull Up Input
— High Impedance Input
n
Schmitt trigger inputs on ports G and L
n
Up to 12 high current outputs
n
Pin efficient (i.e., 40 pins in 44-pin package are devoted
to useful I/O)
Fully Static CMOS Design
n
Low current drain (typically < 4 µA)
n
Single supply operation: 2.7V to 5.5V
n
Two power saving modes: HALT and IDLE
Temperature Ranges
0˚C to +70˚C, −40˚C to +85˚C, and −40˚C to +125˚C
Development Support
n
Windowed packages for DIP and PLCC
n
Real time emulation and full program debug offered by
MetaLink Development System
Block Diagram
DS012838-1
FIGURE 1. COP8SAx Block Diagram
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com