Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS6416LAH Datasheet(PDF) 39 Page - FIDELIX

Part # CMS6416LAH
Description  64M(4Mx16) Low Power SDRAM
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

CMS6416LAH Datasheet(HTML) 39 Page - FIDELIX

Back Button CMS6416LAH Datasheet HTML 35Page - FIDELIX CMS6416LAH Datasheet HTML 36Page - FIDELIX CMS6416LAH Datasheet HTML 37Page - FIDELIX CMS6416LAH Datasheet HTML 38Page - FIDELIX CMS6416LAH Datasheet HTML 39Page - FIDELIX CMS6416LAH Datasheet HTML 40Page - FIDELIX CMS6416LAH Datasheet HTML 41Page - FIDELIX CMS6416LAH Datasheet HTML 42Page - FIDELIX CMS6416LAH Datasheet HTML 43Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 46 page
background image
Rev1.3, Nov. 2005
CMS6416LAx-15Ex
Concurrent Auto Precharge
If an access command with Auto Precharge is being execeuted
an access command (either a Read or Write ) is not allowed by
SDRAM’s. If this feature is allowed then the SDRAM supports
Concurrent
Auto
Precharge.
Fidelix
SDRAMs
support
Concurrent Auto Precharge. Four casees where Concurrent
Auto Precharge occurs are defined below.
Read With Auto Precharge
1.Interrupted by a Read(with or without auto precharge): A read
to bank m will interrupt a Read on bank n, CAS latency later.
The precharge to bank n will begin when the Read to bank m is
registered. (Figure 25. )
2. Interrupted by a Write(with or without auto precharge): A
Write to bank m will interrupt a Read on bank n when registered.
DQM should be used two clocks prior to the Write command to
prevent bus contention. The Precharge to bank n will begin
when the write to bank m is registered. (Figure 26. )
Write with Auto Precharge
3. Interrupted by a Read(with or without auto precharge): A
Read to bank m will interrupt a Write on bank n when regis-
tered , with the data-out appearing CAS latency later. The Pre-
charge to bank n will begin after tWR is met, where tWR begins
when the Read to bank m is registered. The last valid Write to
bank n will be data-in registered one clock prior to the Read to
bank m.(Figure 27. )
4. Interrupted by a Write ( with or without auto Precharge): A
Write to bank m will interrupt a Write on bank n when registered.
The Precharge to bank n will begin after tWR is met ,where tWR
begins when the Write to bank m is registered. The latest valid
data Write to bank n will be data registered one clock prior to a
Write to bank m.( Figure 28. )
Figure 24. Clock Suspend During Read Burst - Burst of 4 (CAS latency =2)
T0
T1
T2
T3
T4
CLK
Command
Address
Read
NOP
DQ
CKE
T5
NOP
Internal
CLK
Bank
Col n
Dout
n+1
Dout
n+2
T6
NOP
Dout
n+3
Dout
n
NOP
NOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com