Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP1617CC7 Datasheet(PDF) 2 Page - FIDELIX

Part # FMP1617CC7
Description  1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP1617CC7 Datasheet(HTML) 2 Page - FIDELIX

  FMP1617CC7 Datasheet HTML 1Page - FIDELIX FMP1617CC7 Datasheet HTML 2Page - FIDELIX FMP1617CC7 Datasheet HTML 3Page - FIDELIX FMP1617CC7 Datasheet HTML 4Page - FIDELIX FMP1617CC7 Datasheet HTML 5Page - FIDELIX FMP1617CC7 Datasheet HTML 6Page - FIDELIX FMP1617CC7 Datasheet HTML 7Page - FIDELIX FMP1617CC7 Datasheet HTML 8Page - FIDELIX FMP1617CC7 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
FMP1617CC0(7)
CMOS LPRAM
Revision 0.1
Jun. 2006
2
1M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PIN DESCRIPTION
1
2
3
4
5
6
A
B
C
D
E
F
G
H
/LB
/OE
A0
A1
A2
I/O9
/UB
A3
A4
/CS1
I/O10
I/O11
A5
A6
I/O2
VSS
I/O12
A17
A7
I/O4
VCCQ
I/O13
DNU
A16
I/O5
I/O15
I/O14
A14
A15
I/O6
I/O16
A19
A12
A13
WE
A18A8
A9A10
A11
CS2
I/O1
I/O3
VCC
VSS
I/O7
I/O8
NC
48-FBGA : Top View(Ball Down)
Core Power
VCC
Chip Select Input
CS2
Do Not Use
DNU
Data Inputs/Outputs
I/O1~I/O16
Lower Byte(I/O 1~8)
/LB
Address Inputs
A0~A19
Upper Byte(I/O9~16)
/UB
Write Enable Input
/WE
Ground
VSS
Output Enable Input
/OE
I/O Power
VCCQ
Chip Select Input
/CS1
Function
Name
Function
Name
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Clk gen.
VCC
VSS
Memory array
Row
Addresses
I/O Circuit
Column select
Data
cont
Data
cont
Column Addresses
Data
cont
Control Logic
/CS1
CS2
/OE
/WE
/UB
/LB
I/O9~I/O16
I/O1~I/O8
Row
select
FEATURES
• Process Technology : Full CMOS
• Organization : 1M x 16
• Power Supply Voltage : 1.7~1.95V
• Dual CS & Page Modes
FMP1617CC0 : Dual CS
FMP1617CC7 : Page mode with Dual CS
• Operating Temperature Ranges:
Special (-10’C to +60’C)
Commercial (0’C to +70’C)
Extended (-25’C to +85’C)
Industrial (-40’C to +85’C)
• Three state output and TTL Compatible
• Package Type : 48-FBGA-6.00x8.00 mm2
FMP1617CC0(7)-FxxX : Normal
FMP1617CC0(7)-GxxX : Pb-Free
FMP1617CC0(7)-HxxX : Pb-Free & Halogen Free
• Separated I/O power(VCCQ) & Core Power(VCC)
• Easy memory expansion with /CS1, CS2, and /OE features
• Automatic power-down when deselected
PRODUCT FAMILY
ISB1
(CMOS Standby
Current)
ICC2
ICC1
Max.
Typ.
20mA
Max.
Typ.
Max.
Typ.
Min.
100uA
1.8
Typ.
Max.
70uA
15mA
12mA
3mA
1.5mA
70ns
85ns
1.95
1.7
FMP1617CC0(7)-G60E
FMP1617CC0(7)-G70E
Operating
Voltage (V)
f = fmax
f = 1MHz
Power Dissipation
Speed
Product Family
1. Typical values are included for reference only and are not guaranteed or tested. Typical values are measured at Vcc = Vcc (typ) and T
A = 25C.
2. F=FBGA, G=FBGA(Pb-Free), H=FBGA(Pb-Free & Halogen Free), W=WAFER
3. Operating Temperature Range: S (-10’C~60’C), C(0’C~70’C), E(-25’C~85’C), I (-40’C~85’C)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com