Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMP3217BA0 Datasheet(PDF) 4 Page - FIDELIX

Part # FMP3217BA0
Description  2M x 16 bit Super Low Power and Low Voltage Full CMOS RAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FMP3217BA0 Datasheet(HTML) 4 Page - FIDELIX

  FMP3217BA0 Datasheet HTML 1Page - FIDELIX FMP3217BA0 Datasheet HTML 2Page - FIDELIX FMP3217BA0 Datasheet HTML 3Page - FIDELIX FMP3217BA0 Datasheet HTML 4Page - FIDELIX FMP3217BA0 Datasheet HTML 5Page - FIDELIX FMP3217BA0 Datasheet HTML 6Page - FIDELIX FMP3217BA0 Datasheet HTML 7Page - FIDELIX FMP3217BA0 Datasheet HTML 8Page - FIDELIX FMP3217BA0 Datasheet HTML 9Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
FMP3217BA0(7)
CMOS LPRAM
Revision 0.2
Feb. 2007
4
DC AND OPERATING CHARACTERISTICS
1. Capacitance is sampled, not 100% tested.
CAPACITANCE1) (f=1MHz , T
A=25’C)
8
8
Max
-
-
Min
pF
VIO=0V
CIO
Input/Output capacitance
pF
VIN=0V
CIN
Input capacitance
Unit
Test Condition
Symbol
Item
uA
120
-
-
/CS≥VCC-0.2V, CS2≤0.2V, Other inputs=0~VCC
ISB1
Standby Current(CMOS)
uA
1
-
-1
/CS=VIH, CS2=VIH, /OE=VIH or /WE=VIL, VIO=VSS to VCC
ILO
Output leakage current
uA
1
-
-1
VIN=VSS to VCC
ILI
Input leakage current
mA
3
-
-
Cycle time=1us, 100%duty, IIO=0mA, /CS≤0.2V, CS2=VIH,
VIN≤0.2V or VIN≥VCC-0.2V
ICC1
Average operating current
V
0.2VCCQ
IOL=0.5mA
VOL
Output low voltage
mA
20
-
-
Cycle time=Min, IIO=0mA, 100% duty, /CS=VIL, CS2=VIH,
VIN=VIL or VIH
ICC2
V
0.8VCCQ
IOH=-0.5mA
VOH
Output high voltage
0.3
Max
-
Typ
-
Min
mA
/CS=VIH, CS2=VIH, Other inputs=VIH or VIL
ISB
Standby Current(TTL)
Unit
Test Conditions
Symbol
Item
-10℃ to +60℃
Special
FMP3217BA0(7)-XxxS
0℃ to +70℃
Commercial
FMP3217BA0(7)-XxxC
-25℃ to +85℃
Extended
FMP3217BA0(7)-XxxE
1.65V to Vcc
2.7V to 3.3V
-40℃ to +85℃
Industrial
FMP3217BA0(7)-XxxI
VDDQ
VDD
Ambient Temperature
Range
Device
Operating Range



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com