Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MF201 Datasheet(PDF) 3 Page - Texas Instruments

Part # MF201
Description  MULTIPOINT-LVDS LINE DRIVER AND RECEIVER
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MF201 Datasheet(HTML) 3 Page - Texas Instruments

  MF201 Datasheet HTML 1Page - Texas Instruments MF201 Datasheet HTML 2Page - Texas Instruments MF201 Datasheet HTML 3Page - Texas Instruments MF201 Datasheet HTML 4Page - Texas Instruments MF201 Datasheet HTML 5Page - Texas Instruments MF201 Datasheet HTML 6Page - Texas Instruments MF201 Datasheet HTML 7Page - Texas Instruments MF201 Datasheet HTML 8Page - Texas Instruments MF201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
www.ti.com
DEVICE ELECTRICAL CHARACTERISTICS
DRIVER ELECTRICAL CHARACTERISTICS
SN65MLVD201, SN65MLVD203
SN65MLVD206, SN65MLVD207
SLLS558C – DECEMBER 2002 – REVISED JANUARY 2007
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN TYP(1)
MAX
UNIT
Driver only
RE and DE at VCC, RL = 50 Ω, All others open
13
22
Both disabled
RE at VCC, DE at 0 V, RL = No Load, All others open
1
4
ICC
Supply current
mA
Both enabled
RE at 0 V, DE at VCC, RL = 50 Ω, All others open
16
24
Receiver only
RE at 0 V, DE at 0 V, RL = 50 Ω, All others open
4
13
(1)
All typical values are at 25
°C and with a 3.3-V supply voltage.
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN(1) TYP(2)
MAX
UNIT
|VAB| or
Differential output voltage magnitude
480
650
mV
|VYZ|
See Figure 2
Δ|VAB| or Change in differential output voltage magnitude
–50
50
mV
Δ|VYZ|
between logic states
VOS(SS)
Steady-state common-mode output voltage
0.8
1.2
V
Change in steady-state common-mode output
ΔVOS(SS)
See Figure 3
–50
50
mV
voltage between logic states
VOS(PP)
Peak-to-peak common-mode output voltage
150
mV
VY(OC) or Maximum steady-state open-circuit output
0
2.4
V
VA(OC)
voltage
See Figure 7
VZ(OC) or
Maximum steady-state open-circuit output
0
2.4
V
VB(OC)
voltage
VP(H)
Voltage overshoot, low-to-high level output
1.2 VSS
V
See Figure 5
VP(L)
Voltage overshoot, high-to-low level output
–0.2 VSS
V
IIH
High-level input current (D, DE)
VIH = 2 V
0
10
µA
IIL
Low-level input current (D, DE)
VIL = 0.8 V
0
10
µA
JIOSJ
Differential short-circuit output current magnitude
See Figure 4
24
mA
–1.4 V
≤ VY or VZ ≤ 3.8 V,
IOZ
High-impedance state output current (driver only)
–15
10
µA
Other output = 1.2 V
–1.4 V
≤ VY or VZ ≤ 3.8 V,
IO(OFF)
Power-off output current
Other output = 1.2 V,
–10
10
µA
0 V
≤ VCC ≤ 1.5 V
VI = 0.4 sin(30E6πt) + 0.5 V,
(3)
CY or CZ
Output capacitance
3
pF
Other input at 1.2 V, Driver disabled
VAB = 0.4 sin(30E6πt) V,
(3)
CYZ
Differential output capacitance
2.5
pF
Driver disabled
CY/Z
Output capacitance balance, (CY/CZ)
0.99
1.01
(1)
The algebraic convention, in which the least positive (most negative) limit is designated as minimum is used in this data sheet.
(2)
All typical values are at 25
°C and with a 3.3-V supply voltage.
(3)
HP4194A impedance analyzer (or equivalent)
Copyright © 2002–2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): SN65MLVD201 SN65MLVD203 SN65MLVD206 SN65MLVD207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com