Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST72371N4B1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # ST72371N4B1
Description  8-BIT MCUs WITH 16K ROM/OTP/EPROM,512 BYTES RAM, ADC, DAC (PWM), TIMER, I2C AND SCI
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72371N4B1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button ST72371N4B1 Datasheet HTML 5Page - STMicroelectronics ST72371N4B1 Datasheet HTML 6Page - STMicroelectronics ST72371N4B1 Datasheet HTML 7Page - STMicroelectronics ST72371N4B1 Datasheet HTML 8Page - STMicroelectronics ST72371N4B1 Datasheet HTML 9Page - STMicroelectronics ST72371N4B1 Datasheet HTML 10Page - STMicroelectronics ST72371N4B1 Datasheet HTML 11Page - STMicroelectronics ST72371N4B1 Datasheet HTML 12Page - STMicroelectronics ST72371N4B1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 94 page
background image
9/94
ST72371/ST72372
1.3 MEMORY MAP
Figure 5. Program Memory Map
Table 3. Interrupt Vector Map
Vector Address
Description
Remarks
FFE0-FFE1h
FFE2-FFE3h
FFE4-FFE5h
FFE6-FFE7h
FFE8-FFE9h
FFEA-FF EBh
FFEC-FFEDh
FFEE-FFEF h
FFF0-FFF1h
FFF2-FFF3h
FFF4-FFF5h
FFF6-FFF7h
FFF8-FFF9h
FFFA-FFFB h
FFFC-FFFDh
FFFE-FFFFh
Reserved
SCI Interrupt Vector
I2C Interrupt Vector
Timer Overflow Interrupt Vector
Timer Output Compare Interrupt Vector
Timer Input Capture Interrupt Vector
Reserved
EI4 Interrupt Vector
EI0 Interrupt Vector
EI1 Interrupt Vector
EI2 Interrupt Vector
EI3 Interrupt Vector
Reserved
Reserved
TRAP Interrupt Vector
RESET Vector
Internal Interrupts
“
“
“
“
External Interrupts
“
“
“
“
Software Interrupt
CPU Interrupt
0000h
512 Bytes
Interrupt & Reset Vectors
HW Registers
0080h
Short Addressing
RAM (zero page)
16-bit
256 Bytes Stack or
007Fh
Reserved
0100h
01FFh
0080h
(see Table 4)
C000h
FFDFh
FFE0h
FFFFh
(see Table 3)
16K Bytes
ROM/OTP/EP ROM
BFFFh
027Fh
027Fh
0200h
0280h
Addressing RAM
16-bit
Addressing RAM
RAM
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com