Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

THS8136PHPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # THS8136PHPR
Description  TRIPLE 10-BIT 180-MSPS GRAPHICS AND VIDEO DAC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS8136PHPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button THS8136PHPR Datasheet HTML 9Page - Texas Instruments THS8136PHPR Datasheet HTML 10Page - Texas Instruments THS8136PHPR Datasheet HTML 11Page - Texas Instruments THS8136PHPR Datasheet HTML 12Page - Texas Instruments THS8136PHPR Datasheet HTML 13Page - Texas Instruments THS8136PHPR Datasheet HTML 14Page - Texas Instruments THS8136PHPR Datasheet HTML 15Page - Texas Instruments THS8136PHPR Datasheet HTML 16Page - Texas Instruments THS8136PHPR Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
APPLICATION INFORMATION
10 µF
10 µF
10 µF
10 µF
0.1 µF
0.1 µF
0.1 µF
DVDD
AVDD
FB
FB
D 1.8 V
A 3.3 V
12
40
44
G[9:0]
B[9:0]
R[9:0]
G[9:0]
B[9:0]
R[9:0]
DVDD
2.2 kW
CLK
2.2 kW
BLANK
SYNC
SYNC_T
CLK
M1
M2
THS8136
3.8 kW
75 W
75 W
75 W
Monitor
FB
0.1 µF
0.1 µF
AVDD
75 W
AG
41
FB
75 W
AR
43
FB
75 W
AB
45
COMP
39
VREF
37
FSADJ
38
27–36
1–10
13–22
23
24
25
26
47
48
DVSS
AVSS
AVSS
Thermal
Pad
11
42
46
HSYNC
VSYNC
DVDD
AVDD
AVDD
THS8136
www.ti.com ........................................................................................................................................................................................... SLES236 – NOVEMBER 2008
Figure 10. Typical Generic DAC Application Circuit
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): THS8136



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com