Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT91CAP7E Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT91CAP7E
Description  Customizable Microcontroller
PDF  520 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91CAP7E Datasheet(HTML) 2 Page - ATMEL Corporation

  AT91CAP7E Datasheet HTML 1Page - ATMEL Corporation AT91CAP7E Datasheet HTML 2Page - ATMEL Corporation AT91CAP7E Datasheet HTML 3Page - ATMEL Corporation AT91CAP7E Datasheet HTML 4Page - ATMEL Corporation AT91CAP7E Datasheet HTML 5Page - ATMEL Corporation AT91CAP7E Datasheet HTML 6Page - ATMEL Corporation AT91CAP7E Datasheet HTML 7Page - ATMEL Corporation AT91CAP7E Datasheet HTML 8Page - ATMEL Corporation AT91CAP7E Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 520 page
background image
2
8549A–CAP–10/08
AT91CAP7E
• Periodic Interval Timer (PIT)
– 20-bit interval Timer plus 12-bit interval Counter
• Watchdog Timer (WDT)
– Key-protected, Programmable Only Once, Windowed 16-bit Counter Running at Slow Clock
• Real-Time Timer (RTT)
– 32-bit Free-running Backup Counter Running at Slow Clock with 16-bit Prescaler
• Two 32-bit Parallel Input/Output Controllers (PIOA and PIOB)
– 32 Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os each
– Input Change Interrupt Capability on Each I/O Line
– Individually Programmable Open-drain, Pull-up Resistor, Bus Holder and Synchronous Output
• 22 Peripheral DMA Controller Channels (PDC)
• Two Universal Synchronous/Asynchronous Receiver Transmitters (USART)
– Individual Baud Rate Generator, IrDA® Infrared Modulation/Demodulation, Manchester Encoding/Decoding
• Master/Slave Serial Peripheral Interface (SPI)
– 8- to 16-bit Programmable Data Length, External Peripheral Chip Select
– Synchronous Communications at up to 80Mbits/sec
• One Three-channel 16-bit Timer/Counters (TC)
– Three External Clock Inputs, Two multi-purpose I/O Pins per Channel
– Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
• IEEE 1149.1 JTAG Boundary Scan on All Digital Pins
• Required Power Supplies:
• 1.08V to 1.32V for VDDCORE and VDDBU
• 1.08V to 1.32V for VDDOSC, VDDOSC32, and VDDPLLB
• 3.0V to 3.6V for VDDPLLA and VDDIO
• 3.0V to 3.6V for AVDD (ADC)
• Package Options: 144 LQFP, 176 LQFP, 208 PQFP, 144 LFBGA, 176TFBGA, 208 TFBGA, 225 LFBGA
1.
Description
The AT91CAP7E semi-custom System on a Chip (SoC) is a microcontroller with a special
interface that allows logic in an external FPGA to be mapped directly onto its internal Amba
High-speed Bus (AHB). This FPGA interface includes multiple master and slave channels
providing much greater bus bandwidth for data passing between the microcontroller and an
FPGA than traditional interface methods using general purpose I/O or external memory
interfaces. The AT91CAP7E includes an ARM7TDMI core with the AHB, on-chip ROM, SRAM, a
full-featured system controller, and various general-purpose peripherals accessible via the
Amba Peripheral Bus (APB). It is implemented in a 130 nm CMOS 1.2V process and supports
3.3V I/O.
The AT91CAP7E is built upon Atmel’s AT91CAP7S customizablemicrocontroller with up to 450
Kgates of metal programmable (MP) logic. The FPGA Interface is implemented inthe MP block
and makes use of MP I/O’s available on the AT91CAP7S giving customers not only an efficient,
powerful FPGA interface on a standard microcontroller, but also an excellent platform for
emulating their own AT91CAP7S-based designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com