Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C128FB Datasheet(PDF) 2 Page - STMicroelectronics

Part # WS57C128FB
Description  HIGH SPEED 16K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C128FB Datasheet(HTML) 2 Page - STMicroelectronics

  WS57C128FB Datasheet HTML 1Page - STMicroelectronics WS57C128FB Datasheet HTML 2Page - STMicroelectronics WS57C128FB Datasheet HTML 3Page - STMicroelectronics WS57C128FB Datasheet HTML 4Page - STMicroelectronics WS57C128FB Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AC READ CHARACTERISTICS Over Operating Range with V
PP = VCC
PARAMETER
SYMBOL
57C128FB-35 57C128FB-45 57C128FB-55
57C128FB-70
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Address to Output Delay
tACC
35
45
55
70
CE to Output Delay
tCE
35
45
55
70
OE to Output Delay
tOE
20
25
25
25
ns
Output Disable to
Output Float
tDF
20
25
25
25
Address to Output Hold
tOH
0000
DC READ CHARACTERISTICS Over Operating Range with V
PP = VCC
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNITS
VIL
Input Low Voltage
(Note 5)
– 0.1
0.8
V
VIH
Input High Voltage
(Note 5)
2.0
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 16 mA
0.4
V
VOH
Output High Voltage
IOH = – 4 mA
2.4
V
ISB1
VCC Standby Current (CMOS)
(Notes 1 and 3)
500
µA
ISB2
VCC Standby Current (TTL)
(Notes 2 and 3)
15
mA
(Notes 1 and 4)
Comm'l
30
mA
ICC1
VCC Active Current (CMOS)
Outputs Not Loaded
Industrial
40
mA
Military
40
mA
(Notes 2 and 4)
Comm'l
50
mA
ICC2
VCC Active Current (TTL)
Outputs Not Loaded
Industrial
60
mA
Military
60
mA
IPP
VPP Supply Current
VPP = VCC
100
µA
VPP
VPP Read Voltage
VCC – 0.4
VCC
V
ILI
Input Leakage Current
VIN = 5.5V or Gnd
–10
10
µA
ILO
Output Leakage Current
VOUT = 5.5 V or Gnd
–10
10
µA
OPERATING RANGE
RANGE
TEMPERATURE
VCC
Commercial
0°C to +70°C
+5V ± 10%
Industrial
–40°C to +85°C
+5V ± 10%
Military
–55°C to +125°C
+5V ± 10%
WS57C128FB
3-8
ABSOLUTE MAXIMUM RATINGS*
Storage Temperature............................–65° to + 150°C
Voltage on any Pin with
Respect to Ground ....................................–0.6V to +7V
VPP with Respect to Ground...................–0.6V to + 13V
ESD Protection ..................................................
>2000V
*NOTICE:
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above
those indicated in the operational sections of this
specification is not implied. Exposure to absolute
maximum rating conditions for extended periods of
time may affect device reliability.
NOTES:
1. CMOS inputs: GND ± 0.3V or VCC ± 0.3V.
4. Add 4 mA/MHz for A.C. power component.
2. TTL inputs: VIL ≤ 0.8V, VIH ≥ 2.0V.
5. These are absolute voltages with respect to device ground pin and
3. Add 1 mA/MHz for A.C. power component.
include all overshoots due to system and/or tester noise.
Do not attempt to test these values without suitable equipment.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com