Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0202NA1BA2 Datasheet(PDF) 6 Page - STMicroelectronics

Part # X0202NA1BA2
Description  1.25A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0202NA1BA2 Datasheet(HTML) 6 Page - STMicroelectronics

  X0202NA1BA2 Datasheet HTML 1Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 2Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 3Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 4Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 5Page - STMicroelectronics X0202NA1BA2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
X02 Series
6/6
FOOTPRINT DIMENSIONS (in millimeters)
SOT-223 (Plastic)
PACKAGE MECHANICAL DATA
SOT-223 (Plastic)
A
A1
B
e1
D
B1
H
E
e
c
V
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.80
0.071
A1
0.02
0.1
0.0008
0.004
B
0.60
0.70
0.85
0.024
0.027
0.034
B1
2.90
3.00
3.15
0.114
0.118
0.124
c
0.24
0.26
0.35
0.009
0.010
0.014
D
6.30
6.50
6.70
0.248
0.256
0.264
e
2.3
0.090
e1
4.6
0.181
E
3.30
3.50
3.70
0.130
0.138
0.146
H
6.70
7.00
7.30
0.264
0.276
0.287
V
10° max
Information furnished is believed to be accurate and reliable. However, STMicroelectronics assumes no responsibility for the consequences
of use of such information nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted
by implication or otherwise under any patent or patent rights of STMicroelectronics. Specifications mentioned in this publication are subject
to change without notice. This publication supersedes and replaces all information previously supplied. STMicroelectronics products are not
authorized for use as critical components in life support devices or systems without express written approval of STMicroelectronics.
© The ST logo is a registered trademark of STMicroelectronics
© 2000 STMicroelectronics - Printed in Italy - All Rights Reserved
STMicroelectronics GROUP OF COMPANIES
Australia - Brazil - China - Finland - France - Germany - Hong Kong - India - Italy - Japan - Malaysia - Malta - Morocco
Singapore - Spain - Sweden - Switzerland - United Kingdom
http://www.st.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com