Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1008C-R10 Datasheet(PDF) 2 Page - Frontier Electronics.

Part # 1008C-R10
Description  SMD Wire Wound Ceramic Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

1008C-R10 Datasheet(HTML) 2 Page - Frontier Electronics.

  1008C-R10 Datasheet HTML 1Page - Frontier Electronics. 1008C-R10 Datasheet HTML 2Page - Frontier Electronics. 1008C-R10 Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1008C Series – SMD WIRE WOUND CERAMIC CHIP INDUCTORS
Rev. A
C. Color coding:
1.
Parts are marked with 3 color dots. The table below shows the significance of each color.
2.
Dots 1 and 2 indicate the inductance in nano-Henries.
3.
Dots 3 indicate number of zeroes to be added.
D. General Information:
1.
P/N: 1008C-xxx_, “1008” = Size Type, “C” = Gold plated pads, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_”: K: ± 10%, J: ± 5%, G: ± 2%.
3.
Product material: Ceramic.
4.
Small and lightweight surface mounting type.
5.
High Q at high frequency & High self-resonance frequency.
6.
For 15ºC Temperature Rise at 25ºC ambient.
7.
Inductance & Q measured with HP4291B Impedance Analyzer.
8.
SRF measured using the HP8720D or HP8753E Network Analyzer.
9.
DCR measured using the 16502 milliohm meter.
10. Operating temperature: -40°C to +125ºC.
11. This series has no color code due to the size is small.
12. Inductance and Current Range: From 10 nH (1000mA) to 4700 nH (260 mA)
13. SRF: From 90 MHz to 4100 MHz
14. MSL: Level 1.
E. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
6.
RF Filters
0 = Black
5=Green
1 = Brown
6=Blue
2 = Red
7 = Violet
3 = Orange
8 = Gray
4 = Yellow
9 = White
Frontier Electronics Corp.
®
Page 2 of 3
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com