Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C191C Datasheet(PDF) 5 Page - STMicroelectronics

Part # WS57C191C
Description  HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191C Datasheet(HTML) 5 Page - STMicroelectronics

  WS57C191C Datasheet HTML 1Page - STMicroelectronics WS57C191C Datasheet HTML 2Page - STMicroelectronics WS57C191C Datasheet HTML 3Page - STMicroelectronics WS57C191C Datasheet HTML 4Page - STMicroelectronics WS57C191C Datasheet HTML 5Page - STMicroelectronics WS57C191C Datasheet HTML 6Page - STMicroelectronics WS57C191C Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2-11
WS57C191C/291C
1.2
1.1
1.0
0.9
0.8
-55 -35 -15
5
25
45
65
85
105 125
AMBIENT TEMPERATURE (°C)
1.60
1.40
1.20
1.00
0.80
0.60
4.0
4.5
5.0
5.5
6.0
SUPPLY VOLTAGE ( V )
1.6
1.4
1.2
1.0
0.8
0.6
-55 -35
-15
5
25
45
65
85
105 125
AMBIENT TEMPERATURE (°C)
40.0
35.0
30.0
25.0
20.0
15.0
10.0
5.0
0.0
0.0
200
400
600
800
1000
CAPACITANCE ( pF)
NORMALIZED SUPPLY CURRENT
vs.
SUPPLY VOLTAGE
TYPICAL ACCESS TIME CHANGE
vs.
OUTPUT LOADING
NORMALIZED Taa
vs.
AMBIENT TEMPERATURE
NORMALIZED SUPPLY CURRENT
vs.
AMBIENT TEMPERATURE



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com