Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

X0205MN1BA2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # X0205MN1BA2
Description  1.25A SCRs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

X0205MN1BA2 Datasheet(HTML) 3 Page - STMicroelectronics

  X0205MN1BA2 Datasheet HTML 1Page - STMicroelectronics X0205MN1BA2 Datasheet HTML 2Page - STMicroelectronics X0205MN1BA2 Datasheet HTML 3Page - STMicroelectronics X0205MN1BA2 Datasheet HTML 4Page - STMicroelectronics X0205MN1BA2 Datasheet HTML 5Page - STMicroelectronics X0205MN1BA2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
X02 Series
3/6
ORDERING INFORMATION
OTHER INFORMATION
Note: xx = sensitivity, y = voltage
Part Number
Marking
Weight
Base Quantity
Packing mode
X02xxyA 1BA2
X02xxyA
0.2 g
2500
Bulk
X02xxyA 2BL2
X02xxyA
0.2 g
2000
Ammopack
X0202yN 5BA4
X2y
0.12 g
1000
Tape & reel
X0205yN 5BA4
X5y
0.12 g
1000
Tape & reel
Fig. 1: Maximum average power dissipation
versus average on-state current.
Fig. 2-1: Average and D.C. on-state current
versus lead temperature (SOT-223/TO-92).
X
02
02
M
A
1BA2
Blank
SENSITIVE
SCR
SERIES
CURRENT: 1.25A
SENSITIVITY:
02: 200µA
05: 50µA
VOLTAGE:
M: 600V
N: 800V
PACKAGE:
A: TO-92
N: SOT-223
PACKING MODE:
1BA2: TO-92 Bulk
2BL2: TO-92 Ammopack
5BA4: SOT-223 Tape & Reel
P(W)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
IT(av)(A)
SOT-223
SOT-223
TO-92
TO-92
IT(av)(A)
0.8
1.4
1.2
1.0
0.6
0.4
0.2
0.0
025
50
75
100
125
Tlead or Tlab(°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com