Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C256F-45 Datasheet(PDF) 3 Page - STMicroelectronics

Part # WS57C256F-45
Description  HIGH SPEED 32K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C256F-45 Datasheet(HTML) 3 Page - STMicroelectronics

  WS57C256F-45 Datasheet HTML 1Page - STMicroelectronics WS57C256F-45 Datasheet HTML 2Page - STMicroelectronics WS57C256F-45 Datasheet HTML 3Page - STMicroelectronics WS57C256F-45 Datasheet HTML 4Page - STMicroelectronics WS57C256F-45 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SYMBOL
PARAMETER
CONDITIONS
TYP(6)
MAX
UNITS
CIN
Input Capacitance
VIN = 0V
4
6
pF
COUT
Output Capacitance
VOUT = 0V
8
12
pF
CVPP
VPP Capacitance
VPP = 0 V
18
25
pF
3-15
WS57C256F
AC READ TIMING DIAGRAM
tACC
VALID
VALID
ADDRESSES
tOE
tDF
tCE
CE
OE
tOH
tDF
OUTPUTS
CAPACITANCE(5) T
A = 25 °C, f = 1 MHz
A.C. TESTING INPUT/OUTPUT WAVEFORM
TEST LOAD (High Impedance Test Systems)
3.0
0.0
2.0
0.8
2.0
0.8
TEST
POINTS
NOTE: 7. Provide adequate decoupling capacitance as close as possible to this device to achieve the published A.C. and D.C. parameters.
A 0.1 microfarad capacitor in parallel with a 0.01 microfarad capacitor connected between VCC and ground is recommended.
Inadequate decoupling may result in access time degradation or other transient performance failures.
NOTES: 5. This parameter is only sampled and is not 100% tested.
6. Typical values are for TA = 25°C and nominal supply voltages.
A.C. testing inputs are driven at 3.0 V for a logic "1" and 0.0 V
for a logic "0." Timing measurements are made at 2.0 V for a
logic "1" and 0.8 V for a logic "0".
30 pF
(INCLUDING SCOPE
AND JIG
CAPACITANCE)
98
Ω
2.01 V
D.U.T.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com