Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF322522-R18M Datasheet(PDF) 2 Page - Frontier Electronics.

Part # CF322522-R18M
Description  Molded Wire Wound Ferrite Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CF322522-R18M Datasheet(HTML) 2 Page - Frontier Electronics.

  CF322522-R18M Datasheet HTML 1Page - Frontier Electronics. CF322522-R18M Datasheet HTML 2Page - Frontier Electronics. CF322522-R18M Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMD Molded Wire Wound Ferrite Chip Inductor P/N CF-322522 Series
Rev. A
Jan. 01, 2006. Page: 2 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Molded Wire Wound Ferrite Chip Inductors—CF322522 series
B. Dimensions: (Unit:mm)
SERIES
A
B
C
D
E
F
G
H
I
CF322522 3.2±0.3
2.5±0.2
2.2±0.2
2.9±0.2
1.0±0.1
0.6 Typ. 2.0 Typ. 2.0 Typ. 1.0Typ.
C. Mechanical Drawing:
D. General information:
1. Tolerance: M: ± 20%, L: ± 15%, K: ± 10%.
2. Operating Temperature: -25ºC TO +100ºC.
3. Storage Temperature: -40ºC TO +100ºC.
4. Temperature Rise: 20ºC Max.
5. Ambient temperature 80ºC Max.
6. Rated Current: Current cause inductance drops within 10% from 0ºC to 50ºC.
7. Resistance to solder heat: 260ºC for 10 seconds.
8. Inductance & Q measured using the HP4291B.
9. SRF measured using the HP8720D or HP8753E.
10. DCR measured using the 502BC.
11. Inductance range: From 0.12 uH to 220 uH.
12. SRF: From 7.0MHz to 500MHz.
13.
RoHS compliant.
E. Marking:
1. For catalogue parts: The last 3 digits of the part number.
2. For customer parts or special tolerance: The last 3 digits of the part number plus the special
tolerance.
E
A
B
LAND PATTERN
I
I
G
C
XXX
D
F
F
B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com