Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF453232-R12M Datasheet(PDF) 3 Page - Frontier Electronics.

Part # CF453232-R12M
Description  Molded Wire Wound Ferrite Chip Inductors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CF453232-R12M Datasheet(HTML) 3 Page - Frontier Electronics.

  CF453232-R12M Datasheet HTML 1Page - Frontier Electronics. CF453232-R12M Datasheet HTML 2Page - Frontier Electronics. CF453232-R12M Datasheet HTML 3Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Molded Wire Wound Ferrite Chip Inductor P/N: CF-453232 Series
Rev. B
Aug. 01, 2007. Page: 3 of 3
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Molded Wire Wound Ferrite Chip Inductors--CF453232 Series
F. Characteristic curve:
1. L vs. DC Current:
2. Typical Q vs. Frequency:
0
20
40
60
80
100
0.1
1
10
100
FREQUENCY(MHz)
Q
470K
100K
5R6K
1R0K
471K
DC CURRENT (mA)
102K
4R7K
100K
470K
101K
471K
10000
1000
100
1000
100
10
1
10



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com