Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C256F-35T Datasheet(PDF) 4 Page - STMicroelectronics

Part # WS57C256F-35T
Description  HIGH SPEED 32K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C256F-35T Datasheet(HTML) 4 Page - STMicroelectronics

  WS57C256F-35T Datasheet HTML 1Page - STMicroelectronics WS57C256F-35T Datasheet HTML 2Page - STMicroelectronics WS57C256F-35T Datasheet HTML 3Page - STMicroelectronics WS57C256F-35T Datasheet HTML 4Page - STMicroelectronics WS57C256F-35T Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SYMBOLS
PARAMETER
MIN
TYP
MAX
UNITS
tAS
Address Setup Time
2
µs
tCOH
CE High to OE High
2
µs
tOES
Output Enable Setup Time
2
µs
tOS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tOH
Data Hold Time
2
µs
tDF
Chip Disable to Output Float Delay
0
130
ns
tOE
Data Valid From Output Enable
130
ns
tVS/tCES
VPP Setup Time/CE Setup Time
2
µs
tPW
PGM Pulse Width
100
200
µs
tOCX
OE Low to CE "Don't Care"
2
µs
WS57C256F
3-16
PROGRAMMING INFORMATION
DC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
SYMBOLS
PARAMETER
MIN
MAX
UNITS
ILI
Input Leakage Current
–10
10
µA
(VIN = VCC or Gnd)
IPP
VPP Supply Current During
60
mA
Programming Pulse (CE/ PGM = VIL)
ICC
VCC Supply Current (Note 8)
35
mA
VOL
Output Low Voltage During Verify
0.4
V
(IOL = 16 mA)
VOH
Output High Voltage During Verify
2.4
V
(IOH = –4 mA)
AC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
PROGRAMMING WAVEFORM
ADDRESS STABLE
ADDRESSES
VPP
VPP
VCC
CE/PGM
DATA
tAS
tPW
tOS
tOH
tOE
tAH
tDF
tVS
tCES
tOES
tOCX
tCOH
DATA OUT
DATA IN STABLE
OE
VIH
VIL
VIH
VIL
VALID
HIGH Z
NOTE:
8. VCC must be applied either coincidentally or before VPP and removed either coincidentally or after VPP.
9. VPP must not be greater than 13 volts including overshoot. During CE = PGM = VIL, VPP must not be switched from 5 volts to
12.5 volts or vice-versa.
10. During power up the PGM pin must be brought high (
≥ V
IH) either coincident with or before power is applied to VPP.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com