Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSH1250S-R80M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSH1250S-R80M
Description  SMD Power Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSH1250S-R80M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSH1250S-R80M Datasheet HTML 1Page - Frontier Electronics. CSH1250S-R80M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CSH1250S-series
Rev. A
Jan. 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSH1250S series
A. Electrical specifications:
Part No.
Marking
L (uH)
± 30%
Test Freq.
DCR (m
Ω max.)
I rms. (A)
CSH1250S-R80M
R80
0.80
100KHz
3.0
15.0
CSH1250S-1R4M
1R4
1.40
100KHz
3.9
13.0
CSH1250S-2R2M
2R2
2.20
100KHz
4.8
10.0
CSH1250S-3R1M
3R1
3.10
100KHz
8.0
8.1
CSH1250S-4R2M
4R2
4.20
100KHz
9.2
7.0
CSH1250S-5R5M
5R5
5.50
100KHz
11.8
6.2
CSH1250S-7R0M
7R0
7.00
100KHz
16.8
5.6
B. Mechanical dimensions: (Unit: mm)
C. Features:
1. Tolerance: M: ± 20%, L: ± 15%, K: ± 10%.
2. Operating temperature: -30
°C TO +100°C.
3. Inductance measured on the HP4284A LCR meter.
4. DCR measured on the 502BC milli-ohm meter.
5. Inductance drops no more than 25% at rated current applied or temperature increases ∆ t < 40
°C.
6. Flat stack wire wound perpendicular to the center of the core.
7. Inductance and Current range:
a.) CSS1250S: From 0.8uH(15.0A) to 7.0uH(5.6A).
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
12.0
(8.4)
1.8
5.6±0.3
Mechanic Dimension
10.2
2.6
1.8
1
4
3
2
Land pattern
Schematics


Similar Part No. - CSH1250S-R80M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSH1250S FRONTIER-CSH1250S Datasheet
121Kb / 5P
Tape and Reel Specifications
More results

Similar Description - CSH1250S-R80M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
SMD Power Choke
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com