Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C128 Datasheet(PDF) 4 Page - STMicroelectronics

Part # WS57C128
Description  HIGH SPEED 16K x 8 CMOS EPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C128 Datasheet(HTML) 4 Page - STMicroelectronics

  WS57C128 Datasheet HTML 1Page - STMicroelectronics WS57C128 Datasheet HTML 2Page - STMicroelectronics WS57C128 Datasheet HTML 3Page - STMicroelectronics WS57C128 Datasheet HTML 4Page - STMicroelectronics WS57C128 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SYMBOLS
PARAMETER
MIN
TYP
MAX
UNITS
tAS
Address Setup Time
2
µs
tCES
Chip Enable Setup Time
2
µs
tOES
Output Enable Setup Time
2
µs
tOS
Data Setup Time
2
µs
tAH
Address Hold Time
0
µs
tOH
Data Hold Time
2
µs
tDF
Chip Disable to Output Float Delay
0
130
ns
tOE
Data Valid From Output Enable
130
ns
tVS
VPP Setup Time
2
µs
tPW
PGM Pulse Width
100
200
µs
WS57C128FB
3-10
PROGRAMMING INFORMATION
DC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
SYMBOLS
PARAMETER
MIN
MAX
UNITS
ILI
Input Leakage Current
–10
10
µA
(VIN = VCC or Gnd)
IPP
VPP Supply Current During
60
mA
Programming Pulse (CE = PGM = VIL)
ICC
VCC Supply Current
30
mA
VOL
Output Low Voltage During Verify
0.4
V
(IOL = 16 mA)
VOH
Output High Voltage During Verify
2.4
V
(IOH = –4 mA)
NOTE:
9. VCC must be applied either coincidentally or before VPP and removed either coincidentally or after VPP.
10. VPP must not be greater than 13 volts including overshoot. During CE = PGM = VIL, VPP must not be switched from 5 volts to
12.5 volts or vice-versa.
11. During power up the PGM pin must be brought high (
≥ V
IH) either coincident with or before power is applied to VPP.
AC CHARACTERISTICS (T
A = 25 ± 5°C, VCC = 6.25 V ± 0.25 V, VPP = 12.75 ± 0.25 V)
PROGRAMMING WAVEFORM
ADDRESS STABLE
ADDRESSES
VPP
VPP
VCC
PGM
DATA
tAS
tPW
tOS
tOH
tOE
tAH
tDF
tVS
tCES
tOES
DATA OUT
DATA IN STABLE
OE
VIH
VIL
VIH
VIL
VALID
HIGH Z
CE
VIH
VIL



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com