Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSS042C Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSS042C
Description  SMD Power Choke
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSS042C Datasheet(HTML) 1 Page - Frontier Electronics.

  CSS042C Datasheet HTML 1Page - Frontier Electronics. CSS042C Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Power Choke: P/N CSS042C-series
Rev. A
Jan, 01, 2006. Page: 1 of 2
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke—CSS042C series
A. Electrical specifications:
Part No.
Mark
L (uH)
Test Freq.
DCR (max.)
Q (min.)
I rms. (A)
CSS042C-1R0M
102
1.0
100KHz
0.040
30@200KHz
3.00
CSS042C-1R5M
152
1.5
100KHz
0.045
30@200KHz
2.80
CSS042C-2R2M
222
2.2
100KHz
0.050
40@200KHz
1.80
CSS042C-3R3M
332
3.3
100KHz
0.055
40@200KHz
1.60
CSS042C-4R7M
472
4.7
100KHz
0.060
40@200KHz
1.40
CSS042C-6R8M
682
6.8
100KHz
0.065
40@200KHz
1.20
CSS042C-100M
103
10
100KHz
0.075
40@200KHz
1.00
CSS042C-150M
153
15
100KHz
0.090
40@100KHz
0.80
CSS042C-220M
223
22
100KHz
0.110
40@100KHz
0.70
CSS042C-330M
333
33
100KHz
0.190
40@100KHz
0.60
CSS042C-470M
473
47
100KHz
0.230
40@100KHz
0.50
CSS042C-680M
683
68
100KHz
0.290
40@100KHz
0.40
CSS042C-101M
104
100
100KHz
0.480
40@100KHz
0.30
CSS042C-151M
154
150
100KHz
0.590
40@100KHz
0.26
CSS042C-221M
224
220
100KHz
0.770
40@100KHz
0.22
CSS042C-331M
334
330
100KHz
1.40
40@100KHz
0.20
CSS042C-471M
474
470
100KHz
1.80
40@100KHz
0.19
CSS042C-681M
684
680
100KHz
2.20
40@100KHz
0.18
CSS042C-102M
105
1000
100KHz
3.40
40@100KHz
0.15
CSS042C-152M
155
1500
100KHz
4.20
50@100KHz
0.12
CSS042C-222M
225
2200
100KHz
8.50
50@100KHz
0.10
CSS042C-332M
335
3300
100KHz
11.00
50@100KHz
0.08
CSS042C-472M
475
4700
100KHz
13.90
50@100KHz
0.06
CSS042C-682M
685
6800
100KHz
25.00
50@100KHz
0.04
CSS042C-103M
106
10000
100KHz
32.80
50@100KHz
0.02
B. Mechanical dimensions: (Unit: mm):
SERIES
A (Max.)
B (Max.)
C (Max.)
D(Ref.)
E
F
G
CSS042C
4.45
6.60
2.92
4.0
3.56
4.06
1.40
Land pattern
C. Features:
1. Tolerance: M: ±20%.
2. Operating temperature: -25
°C TO +85°C.
3. Electrical specifications at +25
°C.
4. Inductance measured on the HP4284A LCR meter.
5. DCR measured on the 502BC milli-ohm meter.
6. Temperature rises
∆t<30°C (Typical) at rated I rms.
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
XXX
B
D
F
E
G
G


Similar Part No. - CSS042C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS042C FRONTIER-CSS042C Datasheet
121Kb / 5P
Tape and Reel Specifications
More results

Similar Description - CSS042C

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
SMD Power Choke
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
SMD Power Choke
CSN1485F FRONTIER-CSN1485F Datasheet
133Kb / 1P
SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com