Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSN1485F-331M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSN1485F-331M
Description  SMD Power Choke
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSN1485F-331M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSN1485F-331M Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SMD Power Choke: P/N CSN1485F-series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: frontierusa.com
SMD Power Choke--CSN1485F series
A. Electrical specification:
Part No.
Mark
L ±20 %
(uH)
Test Freq.
DCR Max.
(
Ω )
I rms
(A)
CSN1485F-100M
100
10
10 KHz
0.06
3.50
CSN1485F-150M
150
15
10 KHz
0.08
3.10
CSN1485F-220M
220
22
10 KHz
0.10
2.60
CSN1485F-330M
330
33
10 KHz
0.12
2.30
CSN1485F-470M
470
47
10 KHz
0.17
1.95
CSN1485F-680M
680
68
10 KHz
0.22
1.65
CSN1485F-101M
101
100
10 KHz
0.35
1.40
CSN1485F-151M
151
150
10 KHz
0.47
1.20
CSN1485F-221M
221
220
10 KHz
0.73
0.95
CSN1485F-331M
331
330
10 KHz
1.15
0.80
CSN1485F-471M
471
470
10 KHz
1.48
0.65
CSN1485F-681M
681
680
10 KHz
2.45
0.50
CSN1485F-102M
102
1000
10 KHz
3.00
0.46
※
1. Inductance drop no more than 10% at I sat applied.
※
2. The temperature rise ∆T< 40 ºC at I rms.
B. Mechanical dimensions: (Unit: mm.)
Type: Un-shielded
C. Features:
• Tolerance: M: ± 20%, L: ± 15%.
• Operating temperature: -25°C TO +85°C.
• Inductance measured on the HP4284A LCR meter & DCR measured on the 502BC milli-ohm meter.
• Inductance and Current range:
CSS1045F-series: From 10 uH (3.50A) to 1000 uH (0.460A)
Note:
RoHS compliant; for the ROHS parts, we add “-LFR” at the end of the P/N.
Land Pattern


Similar Part No. - CSN1485F-331M

ManufacturerPart #DatasheetDescription
logo
HITANO ENTERPRISE CORP.
CSN1040D101L HITANO-CSN1040D101L Datasheet
919Kb / 28P
Wire Wound Power Inductor (Unshielded) – CSN Series
30-Sep-2015 Ver. 1
CSN1040D101M HITANO-CSN1040D101M Datasheet
919Kb / 28P
Wire Wound Power Inductor (Unshielded) – CSN Series
30-Sep-2015 Ver. 1
CSN1040D101N HITANO-CSN1040D101N Datasheet
919Kb / 28P
Wire Wound Power Inductor (Unshielded) – CSN Series
30-Sep-2015 Ver. 1
CSN1040D102L HITANO-CSN1040D102L Datasheet
919Kb / 28P
Wire Wound Power Inductor (Unshielded) – CSN Series
30-Sep-2015 Ver. 1
CSN1040D102M HITANO-CSN1040D102M Datasheet
919Kb / 28P
Wire Wound Power Inductor (Unshielded) – CSN Series
30-Sep-2015 Ver. 1
More results

Similar Description - CSN1485F-331M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSC042A FRONTIER-CSC042A Datasheet
155Kb / 2P
SMD Power Choke
CSH1250S FRONTIER-CSH1250S Datasheet
159Kb / 2P
SMD Power Choke
CSH1260S FRONTIER-CSH1260S Datasheet
142Kb / 2P
SMD Power Choke
CSN042A FRONTIER-CSN042A Datasheet
154Kb / 2P
SMD Power Choke
CSN042C FRONTIER-CSN042C Datasheet
163Kb / 2P
SMD Power Choke
CSS042C FRONTIER-CSS042C Datasheet
136Kb / 2P
SMD Power Choke
CST042C FRONTIER-CST042C Datasheet
164Kb / 2P
SMD Power Choke
logo
ETAL Group
P7635 ETAL-P7635 Datasheet
237Kb / 4P
SMD POWER CHOKE COIL
logo
TAI-TECH Advanced Elect...
TMPC1206HP TAI-TECH-TMPC1206HP Datasheet
707Kb / 4P
SMD Power Choke Coil
TMPC8040HP TAI-TECH-TMPC8040HP Datasheet
755Kb / 3P
SMD Power Choke Coil
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com