Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WS57C191 Datasheet(PDF) 1 Page - STMicroelectronics

Part # WS57C191
Description  MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

WS57C191 Datasheet(HTML) 1 Page - STMicroelectronics

  WS57C191 Datasheet HTML 1Page - STMicroelectronics WS57C191 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT SELECTION GUIDE
PARAMETER
WS57C191C/291C-35
WS57C191C/291C-45
WS57C191C/291C-55
Address Access Time (Max)
35 ns
45 ns
55 ns
CS to Output Valid Time (Max)
20 ns
20 ns
20 ns
MILITARY HIGH SPEED 2K x 8 CMOS PROM/RPROM
KEY FEATURES
• Ultra-Fast Access Time
• Pin Compatible with Am27S191/291
— tACC = 35 ns
and N82S191 Bipolar PROMs
—tCS = 20 ns
• Immune to Latch-UP
• Low Power Consumption
— Up to 200 mA
• Fast Programming
• ESD Protection Exceeds 2000V
• Available in 300 and 600 Mil DIP
GENERAL DESCRIPTION
The WS57C191C/291C is an extremely High Performance 16K UV Erasable Electrically Re-Programmable Read
Only Memory (RPROM). It is manufactured in an advanced CMOS technology which enables it to operate at Bipolar
PROM speeds while consuming only 25% of the power required by its Bipolar counterparts. The WS57C191C/291C
is also configured in the standard Bipolar PROM pinout which provides an easy upgrade path for systems which are
currently using Bipolar PROMs.
The WS57C191C is packaged in a conventional 600 mil DIP package. The WS57C291C is packaged in a space
saving 300 mil DIP package configuration.
WS57C191C/291C
PINS
CS1/VPP CS2
CS3
VCC
OUTPUTS
MODE
Read
VIL
VIH
VIH VCC
DOUT
Output
Disable
VIH
XX
VCC
High Z
Output
XVIL
XVCC
High Z
Disable
Program
VPP
XX
VCC
DIN
Program
Verify
VIL
VIH
VIH VCC
DOUT
Output
Disable
XX
VIL
VCC
High Z
VCC
A8
A9
A10
CS1/VPP
CS2
CS3
O7
O6
O5
O4
O3
A7
A6
A5
A4
A3
A2
A1
A0
O0
O1
O2
GND
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
TOP VIEW
CERDIP
MODE SELECTION
PIN CONFIGURATION
4-3
Return to Main Menu


Similar Part No. - WS57C191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191 STMICROELECTRONICS-WS57C191 Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-25 STMICROELECTRONICS-WS57C191C-25 Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-25D STMICROELECTRONICS-WS57C191C-25D Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C191C-25J STMICROELECTRONICS-WS57C191C-25J Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
More results

Similar Description - WS57C191

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
WS57C191C STMICROELECTRONICS-WS57C191C Datasheet
54Kb / 7P
HIGH SPEED 2K x 8 CMOS PROM/RPROM
WS57C43C-1 STMICROELECTRONICS-WS57C43C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPED 4K x 8 CMOS PROM/RPROM
WS57C45-1 STMICROELECTRONICS-WS57C45-1 Datasheet
16Kb / 2P
MILITARY 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C45 STMICROELECTRONICS-WS57C45 Datasheet
78Kb / 9P
HIGH-SPEED 2K x 8 REGISTERED CMOS PROM/RPROM
WS57C49C-1 STMICROELECTRONICS-WS57C49C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C49C STMICROELECTRONICS-WS57C49C Datasheet
52Kb / 7P
HIGH SPEED 8K x 8 CMOS PROM/RPROM
WS57C51C-1 STMICROELECTRONICS-WS57C51C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C51C STMICROELECTRONICS-WS57C51C Datasheet
53Kb / 7P
HIGH SPEED 16K x 8 CMOS PROM/RPROM
WS57C71C-1 STMICROELECTRONICS-WS57C71C-1 Datasheet
19Kb / 2P
MILITARY HIGH SPEED 32K x 8 CMOS PROM/RPROM
WS57LV291C STMICROELECTRONICS-WS57LV291C Datasheet
47Kb / 6P
HIGH SPEED 3.3 VOLT 2K x 8 CMOS PROM/RPROM
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com