Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL201209-R27K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FL201209-R27K
Description  Multi-layers Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL201209-R27K Datasheet(HTML) 1 Page - Frontier Electronics.

  FL201209-R27K Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer chip inductor: P/N FL2012 (0805)-series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Multi-layers Chip Inductors--FL2012 (0805) series—Standard Ferrite
A.
Electrical specifications:
Part No.
L (uH)
Q Min.
Test Freq. (MHz)
SRF min. (MHz)
DCR Max (
Ω) I rms. (mA)
FL201209-47NM
0.047
15
50
320
0.20
300
FL201209-68NM
0.068
15
50
280
0.20
300
FL201209-R10K
0.10
20
25
235
0.30
250
FL201209-R12K
0.12
20
25
220
0.30
250
FL201209-R15K
0.15
20
25
200
0.40
250
FL201209-R18K
0.18
20
25
185
0.40
250
FL201209-R22K
0.22
20
25
170
0.50
250
FL201209-R27K
0.27
20
25
150
0.50
250
FL201209-R33K
0.33
20
25
145
0.55
250
FL201209-R39K
0.39
25
25
135
0.65
200
FL201209-R47K
0.47
25
25
125
0.65
200
FL201209-R56K
0.56
25
25
115
0.75
150
FL201209-R68K
0.68
25
25
105
0.80
150
FL201209-R82K
0.82
25
25
100
1.00
150
FL201209-1R0K
1.0
45
10
75
0.40
50
FL201209-1R2K
1.2
45
10
65
0.50
50
FL201209-1R5K
1.5
45
10
60
0.50
50
FL201209-1R8K
1.8
45
10
55
0.60
50
FL201209-2R2K
2.2
45
10
50
0.65
30
FL201212-2R7K
2.7
45
10
45
0.75
30
FL201212-3R3K
3.3
45
10
41
0.80
30
FL201212-3R9K
3.9
45
10
38
0.90
30
FL201212-4R7K
4.7
45
10
35
1.00
30
FL201212-5R6K
5.6
50
4
32
0.90
15
FL201212-6R8K
6.8
50
4
29
1.00
15
FL201212-8R2K
8.2
50
4
26
1.10
15
FL201212-100K
10
50
2
24
1.15
15
B.
Dimensions: [Unit: mm /(inch)]
P/N & Package Size
A
B
C
D
FL201209 (0805)
2.0 ± 0.2 (0.079 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
0.9 ± 0.2 (0.035 ± 0.008)
0.5 ± 0.3 (0.020 ± 0.012)
FL201212 (0805)
2.0 ± 0.2 (0.079 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
0.5 ± 0.3 (0.020 ± 0.012)
C.
Part Number Key & Mechanical drawing:
D.
Features:
1.
TOLERANCE: M: ±20%, L: ± 15%, K: ±10%.
2.
The product’s material: Ferrite.
3.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5.
The completely monolithic structure gives high reliability and allows high SRF.
6.
Operating temperature range: -25
°C to +85°C.
7.
Both flow and IR re-flow application are possible.
8.
Inductance Range:
*FL2012 (0805) Series: Multi-layer Ferrite Chip Inductor, from 0.047 uH (300mA) to 10.0 uH (15mA)
9.
RoHS compliant.


Similar Part No. - FL201209-R27K

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FL201209-R27K FENGJUI-FL201209-R27K Datasheet
262Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FL201209-R27K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
logo
Frontier Electronics.
FL3216 FRONTIER-FL3216 Datasheet
35Kb / 1P
Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
Multi-layers Chip Inductors
TF100505 FRONTIER-TF100505 Datasheet
92Kb / 1P
Multi-layers Chip Inductors
TF2012 FRONTIER-TF2012 Datasheet
36Kb / 1P
Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com