Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FL160808-R33K Datasheet(PDF) 1 Page - Frontier Electronics.

Part # FL160808-R33K
Description  Multi-layers Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

FL160808-R33K Datasheet(HTML) 1 Page - Frontier Electronics.

  FL160808-R33K Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-Layer Chip Inductors: P/N FL160808 (0603)-series Rev. A
Jan. 01, 2006. Page 1 of 1.
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998 FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Multi-layers Chip Inductors--FL160808 (0603) series--Standard (Ferrite)
A. Electrical specifications:
Part No.
L (uH)
Q Min.
Test Freq. (MHz)
SRF min. (MHz)
DCR Max (
Ω) I rms. (mA)
FL160808-47NM
0.047
10
50
260
0.30
50
FL160808-68NM
0.068
10
50
250
0.30
50
FL160808-R10K
0.10
15
25
240
0.50
50
FL160808-R12K
0.12
15
25
205
0.50
50
FL160808-R15K
0.15
15
25
180
0.60
50
FL160808-R18K
0.18
15
25
165
0.60
50
FL160808-R22K
0.22
15
25
150
0.80
50
FL160808-R27K
0.27
15
25
136
0.80
50
FL160808-R33K
0.33
15
25
125
0.85
35
FL160808-R39K
0.39
15
25
110
1.00
35
FL160808-R47K
0.47
15
25
105
1.35
35
FL160808-R56K
0.56
15
25
95
1.55
35
FL160808-R68K
0.68
15
25
90
1.70
35
FL160808-R82K
0.82
15
25
85
2.10
35
FL160808-1R0K
1.00
35
10
75
0.60
25
FL160808-1R2K
1.20
35
10
65
0.80
25
FL160808-1R5K
1.50
35
10
60
0.80
25
FL160808-1R8K
1.80
35
10
55
0.95
25
FL160808-2R2K
2.20
35
10
50
1.15
15
FL160808-2R7K
2.70
35
10
45
1.35
15
FL160808-3R3K
3.30
35
10
40
1.55
15
B.
Dimensions: [Unit: mm /( inch)]
P/N & Package Size
A
B
C
D
FL160808 (0603)
1.6 ± 0.2 (0.063 ± 0.008) 0.8 ± 0.2 (0.031 ± 0.008)
0.8 ± 0.2 (0.031 ± 0.008) 0.3± 0.2 (0.012 ± 0.008)
C.
Part Number Key & Mechanical drawing:
D.
Features:
1.
Tolerance: M: ±20%, L: ± 15%, K: ±10%.
2.
The product’s material: Ferrite.
3.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5.
The completely monolithic structure gives high reliability and allows high SRF.
6.
Operating temperature range:
−40°C to +125°C.
7.
Both flow and IR re-flow application are possible.
8.
Inductance Range:
*FL1608 (0603) Series: Multi-layer Ferrite Chip Inductor, from 0.047 uH (50mA) to 3.30 uH (15mA)
9.
RoHS compliant.


Similar Part No. - FL160808-R33K

ManufacturerPart #DatasheetDescription
logo
FENGJUI TECHNOLOGY CO.,...
FL160808-R33K FENGJUI-FL160808-R33K Datasheet
262Kb / 7P
EMI SOLOTION PRODUCTS-RoHS
More results

Similar Description - FL160808-R33K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
logo
Frontier Electronics.
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
Multi-layers Chip Inductors
FL3216 FRONTIER-FL3216 Datasheet
35Kb / 1P
Multi-layers Chip Inductors
TF100505 FRONTIER-TF100505 Datasheet
92Kb / 1P
Multi-layers Chip Inductors
TF2012 FRONTIER-TF2012 Datasheet
36Kb / 1P
Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com