Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z00607MA Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z00607MA
Description  0.8A TRIAC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607MA Datasheet(HTML) 5 Page - STMicroelectronics

  Z00607MA Datasheet HTML 1Page - STMicroelectronics Z00607MA Datasheet HTML 2Page - STMicroelectronics Z00607MA Datasheet HTML 3Page - STMicroelectronics Z00607MA Datasheet HTML 4Page - STMicroelectronics Z00607MA Datasheet HTML 5Page - STMicroelectronics Z00607MA Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Z00607MA
5/6
Figure 11: TO-92 Package Mechanical Data
D
F
a
E
B
A
C
REF.
DIMENSIONS
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
Table 8: Ordering Information
Ordering type
Marking
Package
Weight
Base qty
Delivery mode
Z00607MA 1BA2
Z0607MA
TO-92
0.2 g
2500
Bulk
Z00607MA 2BL2
Z0607MA
2000
Ammopack
Z00607MA 5BL2
Z0607MA
2000
Tape & reel
Table 9: Revision History
Date
Revision
Description of Changes
Oct-2001
4
Last update.
25-Mar-2005
5
Package: TO-92 tape & reel delivery mode 5BL2 added.
21-Jun-2005
6
Markings updated from Z006xxxx to Z06xxxx
13-Sep-2005
7
Z00607MA 2BL2: marking corrected from 00607mA to
Z0607MA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com