Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASOF3S3P Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # ASOF3S3P
Description  3.3V SURFACE MOUNT STRATUM 3 PLUS HCMOS OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOF3S3P Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  ASOF3S3P Datasheet HTML 1Page - Connor-Winfield Corporation ASOF3S3P Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA TA
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx059
03
11/09/05
www.conwin.com
.330 max
(8.382mm)
.330 max
(8.382mm)
Dimensional Tolerance:
±.005 (.127mm)
KEEP OUT AREA
SUGGESTED PAD LAYOUT
90%
50%
10%
OUTPUT WAVEFORM
.830
(21.08mm)
.565
(14.35mm)
Pin
Connection
1
N/C
7
Ground (Case)
8
Output
14
Vcc
ENVIRONMENTAL CHARACTERISTICS
Temperature Cycle: Per MIL-STD-883, Method 1010, Condition B. -55°C to 125°C, 20 cycles,10 minute dwell, 1m inute
transition.
SOLDERING
Pad Solderability: Per MIL-STD-883, Method 2003. 8 hour steam age prior to 245°C ±5°C Solder pot dip, 95%
Coverage.
Solder Reflow: The component solder internal to this device has a melt ing point of 221°C, the peak temperature insi de the
device should be less than or equal to 220°C for a maxim um of 10 seconds.
MECHANICAL CHARACTERISTICS
Vibration: Per MIL-STD-202, Method 204, Condition A. 10G’s peak, 10Hz to 500Hz, 15m inute cycles 12 times each
perpendicular axis.
Shock: Per MIL-STD-202, Method 213, Condition D. 500G’s, 1ms, half sine, 3 shocks per direction.
Moisture Resistance: Per MIL-STD-202, Method 106. 95% RH @ 65°C, 10 cycles 10°C to 65°C.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com