Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASOF5S3E Datasheet(PDF) 2 Page - Connor-Winfield Corporation

Part # ASOF5S3E
Description  SURFACE MOUNT STRATUM 3E HCMOS OCXO
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

ASOF5S3E Datasheet(HTML) 2 Page - Connor-Winfield Corporation

  ASOF5S3E Datasheet HTML 1Page - Connor-Winfield Corporation ASOF5S3E Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 851-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
2
2
Cx024
02
9/19/03
www.conwin.com
PIN
FUNCTION
1
N/C
2
GROUND
6
N/C
7
GROUND
8
Vcc
9
Vcc
10
GROUND
11
GROUND
12
N/C
13
GROUND
14
OUTPUT
15
GROUND
16
N/C
12.7
15
2
6
7
14
13
12
11
10
SUGGESTED PAD LAYOUT
.270
(6.85mm)
.270
(6.85mm)
.360
(9.14mm)
.260
(6.60mm)
.260
(6.60mm)
.260
(6.60mm)
KEEP OUT AREAS (4 PLACES)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com