Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF201212-R39 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # TF201212-R39
Description  Multi-layers Chip Inductors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

TF201212-R39 Datasheet(HTML) 1 Page - Frontier Electronics.

  TF201212-R39 Datasheet HTML 1Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Multi-layer Chip Inductors: P/N TF2012 (0805)-series
Rev. A
Jan. 01, 2006. Page: 1 of 1
Frontier Electronics Corp.
667 E. COCHRAN STREET, SIMI VALLEY, CA 93065
TEL: (805) 522-9998
FAX: (805) 522-9989
E-mail: frontiersales@frontierusa.com
Web: http://www.frontierusa.com
Multi-layers Chip Inductors--TF2012 (0805) series--Ceramic
A.
Electrical specifications:
Q Typical
Part
No.
L (nH)
@100MHz
Tolerance
Q min.
@100MHz
@100MHz
@800MHz
SRF min.
(MHz)
DCR
(Max)
Ω
I rms.
(mA)
TF201209-1N5S
1.5
S
8
13
40
6000
0.10
300
TF201209-1N8S
1.8
S
8
13
45
6000
0.10
300
TF201209-2N2S
2.2
S
8
13
48
6000
0.10
300
TF201209-2N7S
2.7
S
8
12
36
6000
0.10
300
TF201209-3N3
3.3
S, K
8
13
56
6000
0.13
300
TF201209-3N9
3.9
S, K
8
15
54
5400
0.15
300
TF201209-4N7
4.7
S, K
8
15
50
4500
0.20
300
TF201209-5N6
5.6
S, K
8
15
53
4000
0.23
300
TF201209-6N8
6.8
J, K
8
15
51
3650
0.25
300
TF201209-8N2
8.2
J, K
8
15
53
3000
0.28
300
TF201209-10N
10.0
J, K
8
16
45
2500
0.30
300
TF201209-12N
12.0
J, K
8
16
48
2450
0.35
300
TF201209-15N
15.0
J, K
8
17
48
2000
0.40
300
TF201209-18N
18.0
J, K
8
17
43
1750
0.45
300
TF201209-22N
22.0
J, K
8
17
47
1700
0.50
300
TF201209-27N
27.0
J, K
8
18
38
1550
0.55
300
TF201209-33N
33.0
J, K
8
18
35
1350
0.60
300
TF201209-39N
39.0
J, K
8
18
40
1300
0.65
300
TF201209-47N
47.0
J, K
8
18
33
1200
0.70
300
TF201209-56N
56.0
J, K
8
19
31
1150
0.75
300
TF201209-68N
68.0
J, K
8
19
28
1000
0.85
300
TF201209-82N
82.0
J, K
8
20
9
850
0.90
300
TF201209-R10
100
J, K
8
18
-
730
1.0
300
TF201212-R12
120
J, K
8
19
-
650
1.3
250
TF201212-R15
150
J, K
8
20
-
550
1.5
250
TF201212-R18
180
J, K
8
20
-
500
1.8
250
TF201212-R22
220
J, K
8
20
-
450
2.0
200
TF201212-R27
270
J, K
8
20
-
400
2.5
200
TF201212-R33
330
J, K
8
20
-
380
3.0
150
TF201212-R39
390
J, K
8
20
-
330
3.5
150
TF201212-R47
470
J, K
8
19
-
300
4.0
100
B.
Dimensions: [Unit: mm /(inch)]
P/N & Package Size
A
B
C
D
TF201209 (0805)
2.0 ± 0.2 (0.079 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
0.9 ± 0.2 (0.035 ± 0.008)
0.5 ± 0.3 (0.020 ± 0.012)
TF201212 (0805)
2.0 ± 0.2 (0.079 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
1.2 ± 0.2 (0.047 ± 0.008)
0.5 ± 0.3 (0.020 ± 0.012)
C.
Part Number Key & Mechanical drawing:
D.
Features:
1.
Tolerance: K: ± 10%, J: ± 5%, D: ± 0.5nH, S: ±0.3nH.
2.
The product’s material: Ceramic.
3.
No cross coupling between inductors due to magnetic shield. Ideal for high-density installation.
4.
Superior Q characteristics guaranteed over the wide frequency and allow high frequency application.
5.
The completely monolithic structure gives high reliability and allows high SRF.
6.
Operating temperature range: -25ºC to +85ºC, both flow and IR re-flow application is possible.
7.
Inductance Range:
*TF2012 (0805) Series: Multi-layer Ceramic Chip Inductor, from 1.5 nH (300 mA) to 470.0 nH (100 mA)
8.
RoHS compliant.


Similar Part No. - TF201212-R39

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
TF201212 FRONTIER-TF201212 Datasheet
121Kb / 5P
Tape and Reel Specifications
More results

Similar Description - TF201212-R39

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CI100505 BOURNS-CI100505 Datasheet
434Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808 Datasheet
253Kb / 2P
Multi-Layer Chip Inductors
logo
Frontier Electronics.
FL2012 FRONTIER-FL2012 Datasheet
34Kb / 1P
Multi-layers Chip Inductors
FL3216 FRONTIER-FL3216 Datasheet
35Kb / 1P
Multi-layers Chip Inductors
FL160808 FRONTIER-FL160808 Datasheet
35Kb / 1P
Multi-layers Chip Inductors
TF100505 FRONTIER-TF100505 Datasheet
92Kb / 1P
Multi-layers Chip Inductors
TF160808 FRONTIER-TF160808 Datasheet
34Kb / 1P
Multi-layers Chip Inductors
logo
Bourns Electronic Solut...
CE201210 BOURNS-CE201210_12 Datasheet
259Kb / 2P
Multi-Layer Chip Inductors
CI100505 BOURNS-CI100505_12 Datasheet
103Kb / 2P
Multi-Layer Chip Inductors
CI160808 BOURNS-CI160808_11 Datasheet
218Kb / 2P
Multi-Layer Chip Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com