Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0409SF Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z0409SF
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0409SF Datasheet(HTML) 5 Page - STMicroelectronics

  Z0409SF Datasheet HTML 1Page - STMicroelectronics Z0409SF Datasheet HTML 2Page - STMicroelectronics Z0409SF Datasheet HTML 3Page - STMicroelectronics Z0409SF Datasheet HTML 4Page - STMicroelectronics Z0409SF Datasheet HTML 5Page - STMicroelectronics Z0409SF Datasheet HTML 6Page - STMicroelectronics Z0409SF Datasheet HTML 7Page - STMicroelectronics Z0409SF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Z04
Ordering information scheme
5/8
2
Ordering information scheme
Table 5.
Product selector
Part Number
Voltage
Sensitivity
Type
Package
600 V 700 V 800 V
Z0402MF
X
3 mA
Standard
TO202-3
Z0402SF
X
3 mA
Z0402NF
X
3 mA
Z0405MF
X
5 mA
Z0405SF
X
5 mA
Z0405NF
X
5 mA
Z0409MF
X
10 mA
Z0409SF
X
10 mA
Z0409NF
X
10 mA
Z0410MF
X
25 mA
Z0410SF
X
25 mA
Z0410NF
X
25 mA
Z 04 xx y F
0AA2
[BLANK]
Triac series
Current
Sensitivity
Voltage
Package
Packing mode
04 = 4A
02 = 3mA
05 = 5mA
09 = 10mA
10 = 25mA
M = 600V
S = 700V
N = 800V
F = TO202-3
0AA2 = Tube



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com