Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Z0409NF Datasheet(PDF) 1 Page - STMicroelectronics

Part # Z0409NF
Description  4A TRIACS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0409NF Datasheet(HTML) 1 Page - STMicroelectronics

  Z0409NF Datasheet HTML 1Page - STMicroelectronics Z0409NF Datasheet HTML 2Page - STMicroelectronics Z0409NF Datasheet HTML 3Page - STMicroelectronics Z0409NF Datasheet HTML 4Page - STMicroelectronics Z0409NF Datasheet HTML 5Page - STMicroelectronics Z0409NF Datasheet HTML 6Page - STMicroelectronics Z0409NF Datasheet HTML 7Page - STMicroelectronics Z0409NF Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2006
Rev 7
1/8
8
Z04
Standard
4 A Triacs
Main features
Description
The Z04 series is suitable for general purpose AC
switching applications. They can be found in
applications such as home appliances
(electrovalve, pump, door lock, small lamp
control), fan speed controllers,...
Different gate current sensitivities are available,
allowing optimized performances when controlled
directly from microcontrollers.
Order codes
Symbol
Value
Unit
IT(RMS)
4A
VDRM/VRRM
600 to 800
V
IGT (Q
1)
3 to 25
mA
Part Number
Marking
Z04xxyF(1)
1.
xx = sensitivity, y = voltage
Z04xxyF(1)
A2
A1
G
G
A1
A2
TO202-3
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
RMS on-state current (full sine wave)
Tamb = 25° C
4A
Tl = 30° C
ITSM
Non repetitive surge peak on-state current
(full cycle, Tj initial = 25° C)
F = 50 Hz
t = 20 ms
20
A
F = 60 Hz
t = 16.7 ms
21
I²tI²t Value for fusing
tp = 10 ms
2.2
A²s
dI/dt
Critical rate of rise of on-state current IG =
2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125° C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 125° C
1.2
A
PG(AV)
Average gate power dissipation
Tj = 125° C
0.2
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
° C
www.st.com


Similar Part No. - Z0409NF

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
Z0409NF KERSEMI-Z0409NF Datasheet
892Kb / 7P
4 A Triacs
logo
STMicroelectronics
Z0409NF STMICROELECTRONICS-Z0409NF Datasheet
90Kb / 8P
Different gate current sensitivities are available, allowing optimized performances when controlled directly from microcontrollers.
05-Dec-2006
logo
Inchange Semiconductor ...
Z0409NF ISC-Z0409NF Datasheet
264Kb / 3P
isc Triacs
More results

Similar Description - Z0409NF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
T4 STMICROELECTRONICS-T4_06 Datasheet
115Kb / 10P
4A TRIACS
25-Mar-2005
logo
JIEJIE MICROELECTRONICS...
BTA04 JIEJIE-BTA04 Datasheet
662Kb / 6P
4A TRIACs
logo
Tiger Electronic Co.,Lt...
T405-600B-TR TGS-T405-600B-TR Datasheet
116Kb / 1P
4A TRIACS
BTA04-600B TGS-BTA04-600B Datasheet
93Kb / 1P
4A TRIACS
T435-600B-TR TGS-T435-600B-TR Datasheet
54Kb / 1P
4A TRIACS
T435-600H TGS-T435-600H Datasheet
38Kb / 1P
4A TRIACS
Z0409MF TGS-Z0409MF Datasheet
335Kb / 1P
4A TRIACS
logo
Unisonic Technologies
BTA04A UTC-BTA04A Datasheet
158Kb / 3P
4A TRIACS
logo
JIEJIE MICROELECTRONICS...
JST136 JIEJIE-JST136 Datasheet
402Kb / 7P
4A TRIACs
logo
SiPower Inc.
BTA204S-800E SIPOWER-BTA204S-800E Datasheet
866Kb / 7P
4A Triacs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com