Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320DM335 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320DM335
Description  Digital Media System-on-Chip (DMSoC) Silicon Revision 1.1
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320DM335 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320DM335 Datasheet HTML 3Page - Texas Instruments TMS320DM335 Datasheet HTML 4Page - Texas Instruments TMS320DM335 Datasheet HTML 5Page - Texas Instruments TMS320DM335 Datasheet HTML 6Page - Texas Instruments TMS320DM335 Datasheet HTML 7Page - Texas Instruments TMS320DM335 Datasheet HTML 8Page - Texas Instruments TMS320DM335 Datasheet HTML 9Page - Texas Instruments TMS320DM335 Datasheet HTML 10Page - Texas Instruments TMS320DM335 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
2
Silicon Revision 1.1 Usage Notes and Known Design Exceptions to Functional
2.1
Usage Notes for Silicon Revision 1.1
2.1.1
Possible Emulator Crash If TCK Frequency Is Greater than MXI Frequency
2.1.2
DM335 EVM VSS_USB_REF Pin Not Connected As Specified
2.1.3
SD/SDIO card: How to Read M bytes (M=1, 2, 3) from SD or SDIO card
www.ti.com
Silicon Revision 1.1 Usage Notes and Known Design Exceptions to Functional Specifications
Specifications
Usage Notes highlight and describe particular situations where the device's behavior may not match
presumed or documented behavior. This may include behaviors that affect device performance or
functional correctness. These notes will be incorporated into future documentation updates for the device
(such as the device-specific data sheet), and the behaviors they describe will not be altered in future
silicon revisions.
If the frequency of TCK is greater than the frequency of MXI, there is a chance the emulator will crash
when changing the PLL1 clock frequency. This can happen while stepping through code that configures
the PLL1 controller or while using a GEL function that configures the PLL1 controller.
Additionally, the act of applying reset could cause the clock on the TCK pin to stop being generated,
thereby crashing the emulator. This condition happens if the TCK frequency is 2x or greater than the MXI
frequency during reset.
To avoid both of these issues, the MXI clock frequency must be greater than or equal to the TCK clock
frequency.
On some versions of the DM335 EVM, the VSS_USB_REF pin is not connected as specified in the data sheet.
This does not create any USB functional issues; however, for USB compliance, DM335 designs must
follow the pin connection specified in the USB Reference Resistor Routing figure in the TMS320DM335
Digital Media System-on-Chip (DMSoC) data sheet (literature number SPRS528).
Direction: Read from SD or SDIO
Data size: 32*N+M byte (where M=1, 2, 3 and N=0, 1, 2, 3,...) FIFO size is 32 bytes (ACCWD (FIFOCTL
[4:3] = 0), FIFO trigger level is 256-bits (FIFOLEV (MMCFIFOCTL [2]) =1)
Reading from SD or SDIO when FIFO Trigger Level FIFOLEV is 256 bits causes the
DRRDY(MMCST0[10]) bit not to be set for the last M bytes of the above data size equation and therefore
the DMA read event and CPU interrupt for RRDY(MMCST0[10]) are not getting asserted, but the data in
FIFO is correct.
There are two possible methods to work around this limitation.
1. Include SD status checking and/or SD interrupt enable for TRNDNE (MMCST0 [12]) or DATDNE
(MMCST0 [0])
2. Use 128-bit FIFO trigger level (i.e. FIFOLEV (MMCFIFOCTL [2]) =0), since this is only a problem when
FIFOLEV is 256 bits.
Note:
1. To ensure the start of the MMCSD transfer correctly, the DMATRIG bit (MMCCMD [16]) should always
be set to ‘1’ when writing the command to MMCCMD registers.
2. For SDIO read and write function, the MMCBLEN and MMCNBLK registers have to be set to equal the
total byte count and total block count configured by the SDIO command (CMD52 or CMD53). For
example, to read 3 bytes using CMD53, the software has to set MMCBLEN=3 and MMCNBLK=1.
3. The FIFOFUL and FIFOEMP status bits are set based on access size(ACCWD):
•
If the number of bytes stored in the FIFO is smaller than access size, FIFOEMP is 1. Otherwise,
FIFOEMP is 0.
•
If the size of the remaining empty spaces in FIFO is smaller than access size, FIFOFUL is 1.
Otherwise, FIFOFUL is 0.
SPRZ287A – July 2008 – Revised October 2008
TMS320DM335 Digital Media System-on-Chip (DMSoC)
7
Silicon Revision 1.1
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com