Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FPLA521 Datasheet(PDF) 1 Page - Connor-Winfield Corporation

Part # FPLA521
Description  SURFACE MOUNT 3.3V LVPECL CLOCK
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONNOR-WINFIELD [Connor-Winfield Corporation]
Direct Link  http://www.conwin.com
Logo CONNOR-WINFIELD - Connor-Winfield Corporation

FPLA521 Datasheet(HTML) 1 Page - Connor-Winfield Corporation

  FPLA521 Datasheet HTML 1Page - Connor-Winfield Corporation FPLA521 Datasheet HTML 2Page - Connor-Winfield Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
THE CONNOR-WINFIELD CORP.
2111 COMPREHENSIVE DRIVE.
AURORA, IL 60505.
FAX (630) 581-5040.
PHONE (630) 851-4722.
PRODUCT
DA T A
SHEET
Specifications subject to change without notice.
DATASHEET #:
REV:
DATE:
PAGE
OF
Copyright 2001 Connor-Winfield all rights reserved.
a
CRYSTAL CONTROLLED OSCILLATORS
The Connor-Winfield
FPLA521 is a fixed frequency,
surface mount Crystal
Controlled Oscillator (XO)
designed for applications
requiring low jitter and a
±50ppm overall stability.
Operating at 3.3V supply
voltage, the FPLA521
provides LVPECL
complementary outputs.
1
2
FPLA521 - 155.52MHz
CLOCK
SERIES
CENTER
FREQUENCY
FEATURES
DESCRIPTION
ORDERING INFORMATION
3.3V OPERATION
LOW JITTER <1pS RMS
OVERALL FREQUENCY TOLERANCE
±50ppm
TEMPERATURE RANGE: 0 to 70°C
SURFACE MOUNT PACKAGE
TAPE AND REEL PACKAGING
NOTES:
1. Includes initial tolerance, deviation over temperature, supply and load variations, shock, vibration and 10 years aging.
2. Output must be terminated into 50 ohms to Vcc - 2V Thevenin equivalent.
3. Duty Cycle measured at 1.977V.
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA521
Ec162
01
03/01/05
www.conwin.com
ABSOLUTE MAXIMUM RATINGS
TABLE 1.0
PARAMETER
UNITS
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Storage Temperature
-40
-
85
°C
Supply Voltage
(Vcc)
-0.5
-
7.0
Vdc
OPERATING SPECIFICATIONS
TABLE 2.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
Center Frequency
(Fo)
44.736
-
500
MHz
Total Frequency Tolerance
-50
50
ppm
1
Operating Temperature Range
0
-
70
°C
Supply Voltage
(Vcc)
3.135
3.3
3.465
Vdc
Supply Current
(Icc)
-
-
80
mA
Jitter (BW=10Hz to 20MHz)
-
-
5
pS RMS
Jitter (BW=12kHz to 20MHz)
-
-
1
pS RMS
LVPECL OUTPUT CHARACTERISTICS
TABLE 3.0
PARAMETER
MINIMUM
NOMINAL
MAXIMUM
UNITS
NOTE
LOAD
-
-
50
Ohms
2
Voltage
(High)
(Voh)
2.275
-
-
Vdc
(Low)
(Vol)
-
-
1.68
Vdc
Duty Cycle
45
50
55
%
3
Rise / Fall Time 20% to 80%
-
-
1
nS
PACKAGE CHARACTERISTICS
TABLE 4.0
Package
Non-hermetic package consisting of an FR4 subs trate with
grounded metal cover.
PROCESS RECOMMENDATIONS
TABLE 5.0
Solder Reflow
The component solder used internal to this device has a melting
point of 221°C. The peak temperature insi de the device should be
less than or equal to 220°C for a maximum of 10 seconds .
Wash
Ultrasonic cleaning is mot recomm ended.


Similar Part No. - FPLA521

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FPLA521 ETC1-FPLA521 Datasheet
61Kb / 2P
CRYSTAL CONTROLLED OSCILLATORS
More results

Similar Description - FPLA521

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
EML5443G CONNOR-WINFIELD-EML5443G Datasheet
214Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
EML6243 CONNOR-WINFIELD-EML6243 Datasheet
207Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA524 CONNOR-WINFIELD-FPLA524 Datasheet
123Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA542 CONNOR-WINFIELD-FPLA542 Datasheet
183Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLA543 CONNOR-WINFIELD-FPLA543 Datasheet
182Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TB CONNOR-WINFIELD-FPLD52TB Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD52TBXG CONNOR-WINFIELD-FPLD52TBXG Datasheet
227Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54T2 CONNOR-WINFIELD-FPLD54T2 Datasheet
239Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
FPLD54TBX4 CONNOR-WINFIELD-FPLD54TBX4 Datasheet
166Kb / 2P
3.3V SURFACE MOUNT LVPECL CLOCK
FPLD64BEX CONNOR-WINFIELD-FPLD64BEX Datasheet
238Kb / 2P
SURFACE MOUNT 3.3V LVPECL CLOCK
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com