Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM199 Datasheet(PDF) 3 Page - Linear Technology

Part # LM199
Description  Precision Reference
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM199 Datasheet(HTML) 3 Page - Linear Technology

  LM199 Datasheet HTML 1Page - Linear Technology LM199 Datasheet HTML 2Page - Linear Technology LM199 Datasheet HTML 3Page - Linear Technology LM199 Datasheet HTML 4Page - Linear Technology LM199 Datasheet HTML 5Page - Linear Technology LM199 Datasheet HTML 6Page - Linear Technology LM199 Datasheet HTML 7Page - Linear Technology LM199 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LM199/LM399
LM199A/LM399A
3
LM199399fb
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The substrate is electrically connected to the negative terminal
of the temperature stabilizer. The voltage that can be applied to either
terminal of the reference is 40V more positive or 0.1V more negative than
the substrate.
Note 3: These specifications apply for 30V applied to the temperature
stabilizer and –55°C ≤ TA ≤ 125°C for the LM199; and 0°C ≤ TA ≤ 70°C for
the LM399.
Reverse Characteristics
Dynamic Impedance
Stabilization Time
ELECTRICAL CHARACTERISTICS
Note 4: Devices with maximum guaranteed long-term stability of
20ppm/√kH are available. Drift decreases with time.
Note 5: This initial current can be reduced by adding an appropriate
resistor and capacitor to the heater circuit. See the Typical Performance
Characteristics graphs to determine values.
Note 6: Guaranteed by “Reverse Breakdown Change with Current.”
TYPICAL PERFOR A CE CHARACTERISTICS
HEATER ON TIME (SECONDS)
0
–1
0
1
16
LM199 G03
–2
–3
–4
4
8
12
20
TA = 25°C
VH = 15V
TA = –55°C
Initial Heater Current
Heater Current
Heater Current
TURN ON TEMPERATURE (
°C)
–55
0
50
150
200
250
–15
25
45
125
LM199 G04
100
–35
5
65
85 105
VH = 40V
TEMPERATURE (
°C)
–55
40
60
105
LM199 G05
20
0
–15
25
65
–35
5
45
85
80
VH = 10V
VH = 20V
VH = 40V
VH = 30V
TIME (SECONDS)
0
160
140
120
100
80
60
40
20
0
16
LM199 G06
4
8
12 14
2
6
10
18
VH = 10V
VH = 20V
TA = 25°C
VH = 30V
VH = 40V
REVERSE VOLTAGE (V)
6.25
0.01
0.1
1
10
100
6.45
6.65
LM199 G01
6.85
7.05
TJ = 25°C
STABILIZED
(TJ ≈ 90°C)
FREQUENCY (Hz)
10
0.1
10
100
100
1k
10k
100k
LM199 G02
1
TJ = 25°C
STABILIZED
(TJ ≈ 90°C)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com