Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM137 Datasheet(PDF) 2 Page - Linear Technology

Part # LM137
Description  Negative Adjustable Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LM137 Datasheet(HTML) 2 Page - Linear Technology

  LM137 Datasheet HTML 1Page - Linear Technology LM137 Datasheet HTML 2Page - Linear Technology LM137 Datasheet HTML 3Page - Linear Technology LM137 Datasheet HTML 4Page - Linear Technology LM137 Datasheet HTML 5Page - Linear Technology LM137 Datasheet HTML 6Page - Linear Technology LM137 Datasheet HTML 7Page - Linear Technology LM137 Datasheet HTML 8Page - Linear Technology LM137 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LT137A/LM137
LT337A/LM337
2
137afb
PRECONDITIONING
ABSOLUTE MAXIMUM RATINGS
Power Dissipation .......................…….Internally Limited
Input to Output Voltage Differential..................…….40V
Operating Junction Temperature Range
LT137A/LM137 .................................. –55°C to 150°C
LT337A/LM337 ...................................... 0°C to 125°C
Storage Temperature Range
LT137A/LM137 .................................. –65°C to 150°C
LT337A/LM337 .................................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.) ................. 300°C
(Note 1)
2
1
VOUT
CASE
IS VIN
ADJ
K PACKAGE
2-LEAD TO-3 METAL CAN
BOTTOM VIEW
θJA = 35°C/W, θJC = 3°C/W
OBSOLETE PACKAGE
Consider the M and T Packages for Alternate Source
BOTTOM VIEW
CASE IS INPUT
1
2
3
VOUT
VIN
ADJ
H PACKAGE
3-LEAD TO-39 METAL CAN
θJA = 150°C/W, θJC = 15°C/W
OBSOLETE PACKAGE
Consider the M and T Packages for Alternate Source
M PACKAGE
3-LEAD PLASTIC DD
FRONT VIEW
TAB
IS
INPUT
VOUT
VIN
ADJ
3
2
1
θJA = 30°C/W, θJC = 3°C/W
TAB IS
INPUT
T PACKAGE
3-LEAD PLASTIC TO-220
VOUT
VIN
ADJ
FRONT VIEW
3
2
1
θJA = 50°C/W, θJC = 4°C/W
PIN CONFIGURATION
ORDER INFORMATION
100% Thermal Limit Burn-In
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT337AM#PBF
LT337AM#TRPBF
LT337AM
3-Lead Plastic DD
0°C to 125°C
LT337AT#PBF
LT337AT#TRPBF
LT337AT
3-Lead Plastic TO-220
0°C to 125°C
LM337T#PBF
LM337T#TRPBF
LM337T
3-Lead Plastic TO-220
0°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT337AM
LT337AM#TR
LT337AM
3-Lead Plastic DD
0°C to 125°C
LT337AT
LT337AT#TR
LT337AT
3-Lead Plastic TO-220
0°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com