Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1008CJ8 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1008CJ8
Description  Picoamp Input Current, Microvolt Offset, Low Noise Op Amp
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1008CJ8 Datasheet(HTML) 2 Page - Linear Technology

  LT1008CJ8 Datasheet HTML 1Page - Linear Technology LT1008CJ8 Datasheet HTML 2Page - Linear Technology LT1008CJ8 Datasheet HTML 3Page - Linear Technology LT1008CJ8 Datasheet HTML 4Page - Linear Technology LT1008CJ8 Datasheet HTML 5Page - Linear Technology LT1008CJ8 Datasheet HTML 6Page - Linear Technology LT1008CJ8 Datasheet HTML 7Page - Linear Technology LT1008CJ8 Datasheet HTML 8Page - Linear Technology LT1008CJ8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1008
1008fb
(Note 1)
Supply Voltage ......................................................
±20V
Differential Input Current (Note 2) .....................
±10mA
Input Voltage ........................................................
±20V
Output Short-Circuit Duration ......................... Indefinite
Storage Temperature Range ................. – 65
°C to 150°C
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
LT1008MH
LT1008CH
TJMAX = 150°C, θJA = 150°C/W, θJC = 45°C/W
TJMAX = 150°C, θJA = 130°C/W
Operating Temperature Range
LT1008M (OBSOLETE) ............... –55
°C to 125°C
LT1008C ................................................. 0
°C to 70°C
LT1008I ............................................. – 40
°C to 85°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
TOP VIEW
V+
COMP2
COMP1
–IN
OUT
NC
+IN
V– (CASE)
8
7
6
5
3
2
1
4
H PACKAGE
8-LEAD TO-5 METAL CAN
+
–
1
2
3
4
8
7
6
5
TOP VIEW
COMP1
–IN
+IN
V–
COMP2
V+
OUT
NC
N8 PACKAGE
8-LEAD PDIP
LT1008MJ8
LT1008CJ8
J8 PACKAGE 8-LEAD CERDIP
TJMAX = 150
°C, θJA = 100°C/W
1
2
3
4
8
7
6
5
TOP VIEW
COMP2
V+
OUT
NC
COMP1
–IN
+IN
V–
S8 PACKAGE
8-LEAD PLASTIC SO
TJMAX = 150°C, θJA = 190°C/W
OBSOLETE PACKAGES
ORDER PART
NUMBER
LT1008S8
S8 PART
MARKING
1008
LT1008M/I
LT1008C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
30
120
30
120
μV
(Note 3)
40
180
40
180
μV
Long-Term Input Offset Voltage Stability
0.3
0.3
μV/Month
IOS
Input Offset Current
30
100
30
100
pA
(Note 3)
40
150
40
150
pA
IB
Input Bias Current
±30 ±100
±30 ±100
pA
(Note 3)
±40 ±150
±40 ±150
pA
en
Input Noise Voltage
0.1Hz to 10Hz
0.5
0.5
μVP-P
Input Noise Voltage Density
fO = 10Hz (Note 4)
17
30
17
30
nV
√Hz
fO = 1000Hz (Note 5)
14
22
14
22
nV/
√Hz
in
Input Noise Current Density
fO = 10Hz
20
20
fA/
√Hz
AVOL
Large-Signal Voltage Gain
VOUT = ±12V, RL ≥ 10k
200
2000
200
2000
V/mV
VOUT = ±10V, RL ≥ 2k
120
600
120
600
V/mV
ELECTRICAL CHARACTERISTICS V
S =
±15V, VCM = 0V, TA = 25°C, unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
ORDER PART
NUMBER
LT1008CN8
LT1008IN8
ORDER PART
NUMBER
Consider N8 or S8 Package for Alternate Source
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com