Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1017CS8 Datasheet(PDF) 4 Page - Linear Technology

Part # LT1017CS8
Description  Micropower Dual Comparator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1017CS8 Datasheet(HTML) 4 Page - Linear Technology

  LT1017CS8 Datasheet HTML 1Page - Linear Technology LT1017CS8 Datasheet HTML 2Page - Linear Technology LT1017CS8 Datasheet HTML 3Page - Linear Technology LT1017CS8 Datasheet HTML 4Page - Linear Technology LT1017CS8 Datasheet HTML 5Page - Linear Technology LT1017CS8 Datasheet HTML 6Page - Linear Technology LT1017CS8 Datasheet HTML 7Page - Linear Technology LT1017CS8 Datasheet HTML 8Page - Linear Technology LT1017CS8 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LT1017/LT1018
4
10178ff
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range of – 55°C to 85°C for M grade parts, –40°C to 85°C for I grade parts and 0°C to 70°C for C grade parts.
PARAMETER
CONDITIONS
MIN
LT1017
TYP
MAX
MIN
LT1018
TYP
MAX
UNITS
Leakage Current
VS = 5V, VOUT = 40V
VIN ≥ 100mV
25°C
●
125°C
0.5
0.6
3
3
5
1
1.8
8
10
15
μA
μA
μA
Supply Current
VS = 5V
25°C
●
125°C
30
40
60
80
80
110
110
250
250
300
μA
μA
μA
VS = 40V
25°C
●
125°C
40
55
90
100
100
130
140
250
270
300
μA
μA
μA
Minimum Operating Voltage
IOUT = 1mA
25°C
●
125°C
1.15
1.15
1.15
1.2
1.2
1.2
V
V
V
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Offset voltage is guaranteed over a common mode voltage range
of V– ≤ VIN ≤ (V+ – 0.9V).
Note 3: No load gain is guaranteed but not tested (LT1017 only).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com