Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1022AMH Datasheet(PDF) 2 Page - Linear Technology

Part # LT1022AMH
Description  High Speed, Precision JFET Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1022AMH Datasheet(HTML) 2 Page - Linear Technology

  LT1022AMH Datasheet HTML 1Page - Linear Technology LT1022AMH Datasheet HTML 2Page - Linear Technology LT1022AMH Datasheet HTML 3Page - Linear Technology LT1022AMH Datasheet HTML 4Page - Linear Technology LT1022AMH Datasheet HTML 5Page - Linear Technology LT1022AMH Datasheet HTML 6Page - Linear Technology LT1022AMH Datasheet HTML 7Page - Linear Technology LT1022AMH Datasheet HTML 8Page - Linear Technology LT1022AMH Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1022
1022fa
LT1022AMH
LT1022MH
LT1022ACH
LT1022CH
ORDER PART
NUMBER
TOP VIEW
N/C
–IN
OUT
V+
+IN
BALANCE
BALANCE
V –
METAL CAN H PACKAGE
TJMAX = 150° C, θJA = 150°C/W, θJC = 45° C/W
8
4
7
1
5
3
6
2
ORDER PART
NUMBER
LT1022CN8
LT1022 • POI01
TOP VIEW
N8 PACKAGE 8-LEAD PDIP
TJMAX = 100°C, θJA = 130°C/W
1
2
3
4
8
7
6
5
BAL
–IN
+IN
V –
N/C
V+
OUT
BAL
OBSOLETE PACKAGE
Consider the N8 Package as an Alternate Source
LT1022AM
LT1022M, LT1022CH
LT1022AC
LT1022CN8
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage (Note 2)
H Package
80
250
100
600
µV
N8 Package
160
1000
µV
lOS
Input Offset Current
Fully Warmed Up
2
10
2
20
pA
IB
Input Bias Current
Fully Warmed Up
±10
±50
±10
±50
pA
VCM = +10V
30
100
30
150
pA
Input Resistance—Differential
1012
1012
Ω
—Common Mode
VCM = –11V to 8V
1012
1012
Ω
VCM = 8V to 11V
1011
1011
Ω
Input Capacitance
4
4
pF
en
Input Noise Voltage
0.1Hz to 10Hz
2.5
2.8
µV/P-P
en
Input Noise Voltage Density
fO = 10Hz (Note 3)
28
50
30
60
nV/√Hz
fO = 1kHz (Note 4)
14
20
15
22
nV/√Hz
in
Input Noise Current Density
fO = 10Hz, 1kHz (Note 5)
1.8
4
1.8
4
fA√Hz
AVOL
Large Signal Voltage Gain
VO = ±10V RL = 2k
150
400
120
400
V/mV
RL = 1k
130
300
100
300
V/mV
Input Voltage Range
±10.5
±12
±10.5
±12
V
CMRR
Common-Mode Rejection Ratio
VCM = ±10.5V
86
94
82
92
dB
PSRR
Power Supply Rejection Ratio
VS = ±10V to ±18V
88
104
86
102
dB
VOUT
Output Voltage Swing
RL = 2k
±12
±13.2
±12
±13.2
V
SR
Slew Rate
23
26
18
24
V/µs
Supply Voltage ...................................................... ±20V
Differential Input Voltage ....................................... ±40V
Input Voltage ......................................................... ±20V
Output Short Circuit Duration .......................... Indefinite
PACKAGE/ORDER I FOR ATIO
ABSOLUTE
AXI U
RATI GS
ELECTRICAL CHARACTERISTICS
(Note 1)
VS = ± 15V, TA = 25°C, VCM = 0V unless otherwise noted.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Operating Temperature Range
LT1022AM/1022M (OBSOLETE).........– 55°C to 125°C
LT1022AC/1022C .................................... 0°C to 70°C
Storage Temperature Range .................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec.)................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com